Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 224 page
background image
Rev. 1.00
1�
De�e��e� �1� �01�
Rev. 1.00
17
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Pin Name
Function
OPT
I/T
O/T
Description
PD0/C0XO/SCK/
SCL
PD0
PDPU
PDS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C0XO
PDS0
—
AN
Co�pa�ato� 0 output
SCK
PDS0
IFS
ST
CMOS SPI se�ial �lo�k
SCL
PDS0
IFS
ST
NMOS I�C �lo�k line
PD1/C0PI
PD1
PDPU
PDS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C0PI
PDS0
AN
—
Co�pa�ato� 0 non-inve�ting input pin
PD�/A0NI
PD�
PDPU
PDS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
A0NI
PDS0
AN
—
Operational Amplifier 0 inverting input pin
PD3/A0PI
PD3
PDPU
PDS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
A0PI
PDS0
AN
—
Operational Amplifier 0 non-inverting input pin
VDD/AVDD/
IOVDD*
VDD
—
PWR
—
Powe� Supply
AVDD
—
PWR
—
A/D Conve�te� Powe� Supply
IOVDD
—
PWR
—
I/O Po�t Powe� Supply
VSS/AVSS/
IOVSS**
VSS
—
PWR
—
G�ound
AVSS
—
PWR
—
A/D Conve�te� G�ound
IOVSS
—
PWR
—
I/O Po�t G�ound
HT66F4550
Pin Name
Function
OPT
I/T
O/T
Description
PA0/RX/ICPDA/
OCDSDA
PA0
PAPU
PAWU
PAS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
RX
PAS0
IFS
ST
—
UART �e�eive� pin
ICPDA
—
ST
CMOS ICP data/add�ess
OCDSDA
—
ST
CMOS OCDS data/add�ess� fo� EV �hip only
PA1/SDI/SDA/
STP0I
PA1
PAPU
PAWU
PAS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
SDI
PAS0
IFS
ST
—
SPI se�ial data input
SDA
PAS0
IFS
ST
NMOS I�C data line
STP0I
PAS0
ST
—
STM0 �aptu�e Input
PA�/TX/ICPCK/
OCDSCK
PA�
PAPU
PAWU
PAS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
TX
PAS0
—
CMOS UART t�ans�itte� pin
ICPCK
—
ST
—
ICP �lo�k pin
OCDSCK
—
ST
—
OCDS �lo�k pin� fo� EV �hip only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com