Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 224 page
background image
Rev. 1.00
4�
De�e��e� �1� �01�
Rev. 1.00
43
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Special Function Register Description
MostoftheSpecialFunctionRegisterdetailswillbedescribedintherelevantfunctionalsection,
howeverseveralregistersrequireaseparatedescriptioninthissection.
Indirect Addressing Registers – IAR0, IAR1, IAR2
TheIndirectAddressingRegisters,IAR0,IAR1andIAR2,althoughhavingtheirlocationsinnormal
RAMregisterspace,donotactuallyphysicallyexistasnormalregisters.Themethodofindirect
addressingforRAMdatamanipulationusestheseIndirectAddressingRegistersandMemory
Pointers,incontrasttodirectmemoryaddressing,wheretheactualmemoryaddressisspecified.
ActionsontheIAR0,IAR1andIAR2registerswillresultinnoactualreadorwriteoperationto
theseregistersbutrathertothememorylocationspecifiedbytheircorrespondingMemoryPointers,
MP0,MP1L/MP1HorMP2L/MP2H.Actingasapair,IAR0andMP0cantogetheraccessdataonly
fromSector0whiletheIAR1registertogetherwiththeMP1L/MP1HregisterpairandIAR2register
togetherwiththeMP2L/MP2HregisterpaircanaccessdatafromanyDataMemorySector.As
theIndirectAddressingRegistersarenotphysicallyimplemented,readingtheIndirectAddressing
Registerswillreturnaresultof"00H"andwritingtotheregisterswillresultinnooperation.
Memory Pointers – MP0, MP1L, MP1H, MP2L, MP2H
FiveMemoryPointers,knownasMP0,MP1L,MP1H,MP2L,MP2H,areprovided.TheseMemory
PointersarephysicallyimplementedintheDataMemoryandcanbemanipulatedinthesameway
asnormalregistersprovidingaconvenientwaywithwhichtoaddressandtrackdata.Whenany
operationtotherelevantIndirectAddressingRegistersiscarriedout,theactualaddressthatthe
microcontrollerisdirectedtoistheaddressspecifiedbytherelatedMemoryPointer.MP0,together
withIndirectAddressingRegister,IAR0,areusedtoaccessdatafromSector0,whileMP1L/MP1H
togetherwithIAR1andMP2L/MP2HtogetherwithIAR2areusedtoaccessdatafromallsectors
accordingtothecorrespondingMP1HorMP2Hregister.DirectAddressingcanbeusedinall
sectorsusingthecorrespondinginstructionwhichcanaddressallavailabledatamemoryspace.
ThefollowingexampleshowshowtoclearasectionoffourDataMemorylocationsalreadydefined
aslocationsadres1toadres4.
Indirect Addressing Program Example 1
data .section ´data´
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code .section at 0 ´code´
org 00h
start:
mov a, 04h
; setup size of block
mov block, a
mova,offsetadres1;AccumulatorloadedwithfirstRAMaddress
movmp0,a ;setupmemorypointerwithfirstRAMaddress
loop:
clrIAR0;clearthedataataddressdefinedbyMP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com