Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 224 page
background image
Rev. 1.00
5�
De�e��e� �1� �01�
Rev. 1.00
53
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
High Speed
Os�illato�s
FHS
P�es�ale�
fH
fH/�
fH/4
fH/8
fH/1�
fH/3�
fH/�4
CKS�~CKS0
fSYS
Low Speed
Os�illato�s
FSS
fSUB
fSUB
WDT
fLIRC
IDLE�
SLEEP
IDLE0
SLEEP
HXT
HIRC
HXTEN
HIRCEN
LXT
LIRC
LXTEN
System Clock Configurations
External Crystal/Ceramic Oscillator – HXT
TheExternalCrystal/CeramicSystemOscillatorisoneofthehighfrequencyoscillators.Formost
crystaloscillatorconfigurations,thesimpleconnectionofacrystalacrossOSC1andOSC2will
createthenecessaryphaseshiftandfeedbackforoscillation,withoutrequiringexternalcapacitors.
However,forsomecrystaltypesandfrequencies,toensureoscillation,itmaybenecessarytoadd
twosmallvaluecapacitors,C1andC2.Usingaceramicresonatorwillusuallyrequiretwosmall
valuecapacitors,C1andC2,tobeconnectedasshownforoscillationtooccur.ThevaluesofC1and
C2shouldbeselectedinconsultationwiththecrystalorresonatormanufacturer’sspecification.
Foroscillatorstabilityandtominimisetheeffectsofnoiseandcrosstalk,itisimportanttoensure
thatthecrystalandanyassociatedresistorsandcapacitorsalongwithinterconnectinglinesareall
locatedasclosetotheMCUaspossible.
Note: 1. RP is no��ally not �equi�ed. C1 and C� a�e �equi�ed.
�. Although not shown OSC1/OSC� pins have a pa�asiti�
�apa�itan�e of a�ound 7pF.
To inte�nal
�i��uits
Internal
Oscillator
Circuit
C1
C�
OSC1
OSC�
RF
RP
Crystal/Resonator Oscillator – HXT
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
1�MHz
0pF
0pF
8MHz
0pF
0pF
�MHz
0pF
0pF
4MHz
0pF
0pF
1MHz
100pF
100pF
Note: C1 and C� values a�e fo� guidan�e only.
Crystal Recommended Capacitor Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com