Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 84Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 85Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 86Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 87Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 224 page
background image
Rev. 1.00
84
De�e��e� �1� �01�
Rev. 1.00
85
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit1~0
PCS01~PCS00:PC0Pin-Sharedfunctionselection
00:PC0
01:SCS
10:OSC1
11:PC0
• PCS0 Register – HT66F4550
Bit
7
6
5
4
3
2
1
0
Na�e
PCS07
PCS0�
PCS05
PCS04
PCS03
PCS0�
PCS01
PCS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PCS07~PCS06:PC3Pin-Sharedfunctionselection
00:PC3
01:PC3
10:SDO
11:C1XO
Bit5~4
PCS05~PCS04:PC2Pin-Sharedfunctionselection
00:PC2/RES/STP1I
01:PTP1
10:PC2/RES/STP1I
11:PC2/RES/STP1I
Bit3~2
PCS03~PCS02:PC1Pin-Sharedfunctionselection
00:PC1/STCK1
01:SDO
10:OSC2
11:PC1/STCK1
Bit1~0
PCS01~PCS00:PC0Pin-Sharedfunctionselection
00:PC0
01:SCS
10:OSC1
11:STP1
• PCS1 Register – HT66F4530
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
PCS13
PCS1�
PCS11
PCS10
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas"0"
Bit3~2
PCS13~PCS12:PC5Pin-Sharedfunctionselection
00:PC5
01:C1PI
10:PC5
11:PC5
Bit1~0
PCS11~PCS10:PC4Pin-Sharedfunctionselection
00:PC4
01:C1NI
10:PC4
11:PC4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com