Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 224 page
background image
Rev. 1.00
18
De�e��e� �1� �01�
Rev. 1.00
19
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Pin Name
Function
OPT
I/T
O/T
Description
PB3/AN1/A1PI
PB3
PBPU
PBS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
AN1
PBS0
AN
—
A/D Conve�te� input �hannel 1
A1PI
PBS0
AN
—
Operational Amplifier 1 non-inverting input pin
PB4/CLO/A0O
PB4
PBPU
PBS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
CLO
PBS1
—
CMOS Syste� �lo�k output
A0O
PBS1
—
AN
Operational Amplifier 0 output
PB5/SCOM�/TX/
AN7
PB5
PBPU
PBS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SCOM�
PBS1
—
AN
Softwa�e �ont�olled 1/� �ias LCD COM
TX
PBS1
—
CMOS UART t�ans�itte� pin
AN7
PBS1
AN
—
A/D Conve�te� input �hannel 7
PB�/SCOM1/
SDI/SDA/RX
PB�
PBPU
PBS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SCOM1
PBS1
—
AN
Softwa�e �ont�olled 1/� �ias LCD COM
SDI
PBS1
IFS
ST
—
SPI se�ial data input
SDA
PBS1
IFS
ST
NMOS I�C data line
RX
PBS1
IFS
ST
—
UART �e�eive� pin
PC0/STP1/SCS/
OSC1
PC0
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
STP1
PCS0
—
CMOS STM1 output
SCS
PCS0
IFS
ST
CMOS SPI slave sele�t pin
OSC1
PCS0
HXT
—
HXT pin
PC1/STCK1/SDO/
OSC�
PC1
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
STCK1
PCS0
ST
—
STM1 �lo�k input
SDO
PCS0
—
CMOS SPI se�ial data output
OSC�
PCS0
—
HXT
HXT pin
PC�/RES/PTP1/
STP1I
PC�
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
RES
PCS0
ST
—
Exte�nal �eset input
PTP1
PCS0
—
CMOS PTM1 output
STP1I
PCS0
ST
—
STM1 �aptu�e input
PC3/SDO/C1XO
PC3
PCPU
PCS0
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
SDO
PCS0
—
CMOS SPI se�ial data output
C1XO
PCS0
—
AN
Co�pa�ato� 1 output
PC4/C1NI
PC4
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C1NI
PCS1
AN
—
Co�pa�ato� 1 inve�ting input pin
PC5/C1PI
PC5
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C1PI
PCS1
AN
—
Co�pa�ato� 1 non-inve�ting input pin
PC�/C0NI
PC�
PCPU
PCS1
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
C0NI
PCS1
AN
—
Co�pa�ato� 0 inve�ting input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com