Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 224 page
background image
Rev. 1.00
��
De�e��e� �1� �01�
Rev. 1.00
�3
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
A.C. Characteristics
Fordatainthefollowingtables,notethatfactorssuchasoscillatortype,operatingvoltage,operating
frequencyandtemperatureetc.,canallexertaninfluenceonthemeasuredvalues.
High Speed Internal Oscillator – HIRC – Frequency Accuracy
DuringtheprogramwritingoperationthewriterwilltrimtheHIRCoscillatoratauserselected
HIRCfrequencyanduserselectedvoltageofeither3Vor5V.
3V Trim
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temperature
fHIRC
�MHz W�ite� T�i��ed HIRC
F�equen�y
3V
Ta=�5°C
-1%
�
+1%
MHz
Ta= -40°C~85°C
-�%
�
+�%
�.�V~5.5V
Ta=�5°C
-4%
�
+4%
Ta= -40°C~85°C
-�%
�
+�%
4MHz W�ite� T�i��ed HIRC
F�equen�y
3V
Ta=�5°C
-1%
4
+1%
MHz
Ta= -40°C~85°C
-�%
4
+�%
�.�V~5.5V
Ta=�5°C
-3%
4
+3%
Ta= -40°C~85°C
-4%
4
+4%
8MHz W�ite� T�i��ed HIRC
F�equen�y
3V
Ta=�5°C
-1%
8
+1%
MHz
Ta= -40°C~85°C
-�%
8
+�%
�.�V~5.5V
Ta=�5°C
-�.5%
8
+�.5%
Ta=-40°C~85°C
-3%
8
+3%
5V Trim
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Temperature
fHIRC
�MHz W�ite� T�i��ed HIRC
F�equen�y
5V
Ta=�5°C
-1%
�
+1%
MHz
Ta= -40°C~85°C
-�%
�
+�%
�.�V~5.5V
Ta=�5°C
-7%
�
+7%
Ta= -40°C~85°C
-8%
�
+8%
4MHz W�ite� T�i��ed HIRC
F�equen�y
5V
Ta=�5°C
-1%
4
+1%
MHz
Ta= -40°C~85°C
-�%
4
+�%
�.�V~5.5V
Ta=�5°C
-5%
4
+5%
Ta= -40°C~85°C
-�%
4
+�%
8MHz W�ite� T�i��ed HIRC
F�equen�y
5V
Ta=�5°C
-1%
8
+1%
MHz
Ta= -40°C~85°C
-�%
8
+�%
�.�V~5.5V
Ta=�5°C
-�.5%
8
+�.5%
Ta=-40°C~85°C
-4%
8
+4%
Notes:1.Theparametervaluesfor3V/5Vtrimareprovidedasthesearethetwoselectablefixedvoltagesatwhich
theHIRCfrequencyistrimmedbythewriter.
2.Theminimumandmaximumtolerancevaluesprovidedinthetableareonlyforthefrequencyatwhich
thewritertrimstheHIRCoscillator.Aftertrimmingatthischosenspecificfrequencyanychangein
HIRCoscillatorfrequencyusingtheoscillatorregistercontrolbitsbytheapplicationprogramwillgivea
frequencytolerancetowithin±20%.
3.Itisrecommendedthatthetrimvoltageisfixedat3Vforapplicationvoltagerangesfrom2.2Vto5.5V,
astheHIRCfrequencytoleranceislowerthanthattrimmedat5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com