Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 224 page
background image
Rev. 1.00
�8
De�e��e� �1� �01�
Rev. 1.00
�9
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Comparator Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDDC
Co�pa�ato� Ope�ating Voltage
—
—
�.�
—
5.5
V
IDD
Co�pa�ato� Ope�ating Cu��ent
(Ea�h Co�pa�ato�)
—
No load� SDC1IS[1:0]=00 o�
SDC0IS[1:0]=00
—
1.7
�.7
μA
No load� SDC1IS[1:0]=01 o�
SDC0IS[1:0]=01
—
14
��
No load� SDC1IS[1:0]=10 o�
SDC0IS[1:0]=10
—
3�
57
No load� SDC1IS[1:0]=11 o�
SDC0IS[1:0]=11
—
58
9�
VOPOS
Co�pa�ato� Input Offset Voltage
5V
SDCnOF[4:0]=10000B
VDDC > �50�V
-10
—
+10
�V
With �ali��ation� VDDC > �50�V
-4
—
+4
�V
VCM
Co�pa�ato� Co��on Mode
Voltage Range
—
—
VSS
—
VDD-
1.4V
V
8-Bit D/A Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VDACO
Output Voltage Range
—
—
VSS
—
VREF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
IDAC
Additional Cu��ent fo� D/A
Conve�te� Ena�le
(Ea�h D/A Conve�te�)
3V
—
—
—
�00
μA
5V
—
—
—
�80
μA
tST
Settling Ti�e
3V
CLOAD=50pF
—
—
10
μs
5V
—
—
10
μs
DNL
Diffe�ential Non-linea�ity
3V
VREF=VDD
—
—
±1
LSB
5V
—
—
±1
LSB
INL
Integ�al Non-linea�ity
3V
VREF=VDD
—
—
±1.5 LSB
5V
—
—
±1.5 LSB
16-Bit Voice D/A Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
5.0
5.5
V
IDAC
Additional Cu��ent fo� D/A Conve�te�
Ena�le With Buffe�
3V
—
—
—
3
�A
5V
—
—
3
ISTB (DAC)
Stand�y Cu��ent
5V DACEN=0
—
—
1
μA
THD+N
Total Ha��oni� Disto�tion + Noise(Note)
3V 10kΩ load
—
-55
—
dB
VOUT
Output Voltage Range
5V No load
0.01
—
0.99
VDD
tDACS
D/A Conve�te� Ci��uit Tu�n On Sta�le Ti�e 5V
—
—
—
1
�s
Note:Sinwaveinput@1kHz,-6dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com