Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 48Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 49Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 50Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 51Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 224 page
background image
Rev. 1.00
50
De�e��e� �1� �01�
Rev. 1.00
51
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Oscillators
Variousoscillatoroptionsoffertheuserawiderangeoffunctionsaccordingtotheirvarious
applicationrequirements.Theflexiblefeaturesoftheoscillatorfunctionsensurethatthebest
optimisationcanbeachievedintermsofspeedandpowersaving.Oscillatorselectionsandoperation
areselectedthroughtheapplicationprogramandrelevantcontrolregisters.
Oscillator Overview
Inadditiontobeingthesourceofthemainsystemclocktheoscillatorsalsoprovideclocksources
fortheWatchdogTimerandTimeBaseInterrupts.Externaloscillatorsrequiringsomeexternal
componentsaswellasfullyintegratedinternaloscillators,requiringnoexternalcomponents,are
providedtoformawiderangeofbothfastandslowsystemoscillators.Alloscillatoroptionsare
selectedthroughregisterprogramming.Thehigherfrequencyoscillatorsprovidehigherperformance
butcarrywithitthedisadvantageofhigherpowerrequirements,whiletheoppositeisofcoursetrue
forthelowerfrequencyoscillators.Withthecapabilityofdynamicallyswitchingbetweenfastand
slowsystemclock,thesedeviceshavetheflexibilitytooptimizetheperformance/powerratio,a
featureespeciallyimportantinpowersensitiveportableapplications.
Type
Name
Frequency
Pins
Exte�nal High Speed C�ystal
HXT
400kHz~1�MHz
OSC1/OSC�
Inte�nal High Speed RC
HIRC
�/4/8MHz
—
Exte�nal Low Speed C�ystal
LXT
3�.7�8kHz
XT1/XT�
Inte�nal Low Speed RC
LIRC
3�kHz
—
Oscillator Types
System Clock Configurations
Thereareseveraloscillatorsources,twohighspeedoscillatorsandtwolowspeedoscillators.The
highspeedsystemclocksaresourcedfromtheexternalcrystal/ceramicoscillator,HXT,andthe
internal2/4/8MHzRCoscillator,HIRC.Thelowspeedoscillatorsaretheexternal32.768kHz
crystaloscillator,LXT,andtheinternal32kHzRCoscillator,LIRC.Selectingwhetherthelowor
highspeedoscillatorisusedasthesystemoscillatorisimplementedusingtheCKS2~CKS0bitsin
theSCCregisterandasthesystemclockcanbedynamicallyselected.
TheactualsourceclockusedforthelowspeedoscillatorsischosenviatheFSSbitintheSCC
registerwhileforthehighspeedoscillatorthesourceclockisselectedbytheFHSbitintheSCC
register.Thefrequencyoftheslowspeedorhighspeedsystemclockisalsodeterminedusingthe
CKS2~CKS0bitsintheSCCregister.Notethattwooscillatorselectionsmustbemadenamelyone
highspeedandonelowspeedsystemoscillators.Itisnotpossibletochooseano-oscillatorselection
foreitherthehighorlowspeedoscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com