Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 224 page
background image
Rev. 1.00
�4
De�e��e� �1� �01�
Rev. 1.00
�5
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
• Thetimeunits,shownbythesymbolstHXT,tHIRCetc.aretheinverseofthecorrespondingfrequency
valuesasprovidedinthefrequencytables.ForexampletHIRC=1/fHIRC,tSYS=1/fSYSetc.
• IftheLIRCisusedasthesystemclockandifitisoffwhenintheSLEEPMode,thenanadditional
LIRCstartuptime,tSTART,asprovidedintheLIRCfrequencytable,mustbeaddedtothetSSTtimeinthe
tableabove.
• TheSystemSpeedSwitchTimeiseffectivelythetimetakenforthenewlyactivatedoscillatortostart
up.
Input/Output Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VIL
Input Low Voltage fo� I/O Po�ts
ex�ept RES Pin
5V
—
0
—
1.5
V
—
0
—
0.�VDD
Input Low Voltage fo� RES Pin
—
—
0
—
0.4VDD
V
VIH
Input High Voltage fo� I/O Po�ts
ex�ept RES Pin
5V
—
3.5
—
5.0
V
—
0.8VDD
—
VDD
Input High Voltage fo� RES Pin
—
—
0.9VDD
—
VDD
V
IOL
Sink Cu��ent fo� I/O Po�ts ex�ept
PB0/PB1 Pin
3V
VOL=0.1VDD
1�
3�
—
�A
5V
3�
�5
—
Sink Cu��ent fo� PB0/PB1 Pin
3V VOL=0.3VDD�
SKLEDC[�+1� �]=00B
(�=0 o� � o� 4 o� �)
37.5
75
—
�A
5V
75
150
—
3V VOL=0.3VDD�
SKLEDC[�+1� �]=01B
(�=0 o� � o� 4 o� �)
50
100
—
�A
5V
100
�00
—
3V VOL=0.3VDD�
SKLEDC[�+1� �]=10B
(�=0 o� � o� 4 o� �)
��.5
1�5
—
�A
5V
1�5
�50
—
3V VOL=0.3VDD�
SKLEDC[�+1� �]=11B
(�=0 o� � o� 4 o� �)
75
150
—
�A
5V
150
300
—
IOH
Po�t Sou��e Cu��ent fo�
I/O Po�ts
3V
VOH=0.9VDD
-4
-8
—
�A
5V
-8
-1�
—
RPH
Pull-High Resistan�e fo�
I/O Po�ts (Note)
3V
—
�0
�0
100
kΩ
5V
10
30
50
ILEAK
Input Leakage Cu��ent
5V VIN=VDD o� VIN=VSS
—
—
±1
μA
tTPI
TM Captu�e Input Pin Mini�u�
Pulse Width
—
—
0.3
—
—
μs
tTCK
TM Clo�k Input Pin Mini�u�
Pulse Width
—
—
0.3
—
—
μs
tINT
Inte��upt Pin Mini�u� Pulse
Width
—
—
10
—
—
μs
tRES
Exte�nal Reset Mini�u� Low
Pulse Width
—
—
10
—
—
μs
Note:TheRPHinternalpullhighresistancevalueiscalculatedbyconnectingtogroundandenablingtheinputpin
withapull-highresistorandthenmeasuringtheinputsinkcurrentatthespecifiedsupplyvoltagelevel.
DividingthevoltagebythismeasuredcurrentprovidestheRPHvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com