Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 75Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 224 page
background image
Rev. 1.00
7�
De�e��e� �1� �01�
Rev. 1.00
77
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,allI/Opins,when
configuredasaninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.These
pull-highresistorsareselectedusingregistersPAPU~PDPU,andareimplementedusingweak
PMOStransistors.
Notethatthepull-highresistorcanbecontrolledbytherelevantpull-highcontrolregisteronly
whenthepin-sharedfunctionalpinisselectedasaninputorNMOSoutput.Otherwise,thepull-high
resistorscannotbeenabled.
PxPU Register
Bit
7
6
5
4
3
2
1
0
Na�e
PxPU7
PxPU�
PxPU5
PxPU4
PxPU3
PxPU�
PxPU1
PxPU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
PxPUn:I/OPortxPinpull-highfunctioncontrol
0:Disable
1:Enable
ThePxPUnbitisusedtocontrolthepinpull-highfunction.Herethe"x"canbeA,B,CorD.However,
theactualavailablebitsforeachI/OPortmaybedifferent.
Port A Wake-up
TheHALTinstructionforcesthemicrocontrollerintotheSLEEPorIDLEModewhichpreserves
power,afeaturethatisimportantforbatteryandotherlow-powerapplications.Variousmethods
existtowake-upthemicrocontroller,oneofwhichistochangethelogicconditionononeofthePort
Apinsfromhightolow.Thisfunctionisespeciallysuitableforapplicationsthatcanbewokenup
viaexternalswitches.EachpinonPortAcanbeselectedindividuallytohavethiswake-upfeature
usingthePAWUregister.
Notethatthewake-upfunctioncanbecontrolledbythewake-upcontrolregistersonlywhenthe
pin-sharedfunctionalpinisselectedasgeneralpurposeinput/outputandtheMCUentersthePower
downmode.
PAWU Register
Bit
7
6
5
4
3
2
1
0
Na�e
PAWU7
PAWU�
PAWU5
PAWU4
PAWU3
PAWU�
PAWU1
PAWU0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
PAWU7~PAWU0:PA7~PA0wake-upfunctioncontrol
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com