Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 94 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 94 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 96Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 97Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 98Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 224 page
background image
Rev. 1.00
94
De�e��e� �1� �01�
Rev. 1.00
95
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit2~0
STnRP2~STnRP0:STMnCCRP3-bitregister,comparedwiththeSTMncounterbit9~bit7
ComparatorPMatchPeriod=
000:1024STMnclocks
001:128STMnclocks
010:256STMnclocks
011:384STMnclocks
100:512STMnclocks
101:640STMnclocks
110:768STMnclocks
111:896STMnclocks
ThesethreebitsareusedtosetupthevalueontheinternalCCRP3-bitregister,which
arethencomparedwiththeinternalcounter’shighestthreebits.Theresultofthis
comparisoncanbeselectedtocleartheinternalcounteriftheSTnCCLRbitissetto
zero.SettingtheSTnCCLRbittozeroensuresthatacomparematchwiththeCCRP
valueswillresettheinternalcounter.AstheCCRPbitsareonlycomparedwiththe
highestthreecounterbits,thecomparevaluesexistin128clockcyclemultiples.
Clearingallthreebitstozeroisineffectallowingthecountertooverflowatits
maximumvalue.
STMnC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
STnM1
STnM0
STnIO1
STnIO0
STnOC
STnPOL STnDPX STnCCLR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
STnM1~STnM0:SelectSTMnOperatingMode
00:CompareMatchOutputMode
01:CaptureInputMode
10:PWMOutputModeorSinglePulseOutputMode
11:Timer/CounterMode
ThesebitssetuptherequiredoperatingmodefortheSTMn.Toensurereliable
operationtheSTMnshouldbeswitchedoffbeforeanychangesaremadetothe
STnM1andSTnM0bits.IntheTimer/CounterMode,theSTMnoutputpincontrol
willbedisabled.
Bit5~4
STnIO1~STnIO0:SelectSTMnexternalpin(STPnorSTPnI)function
CompareMatchOutputMode
00:Nochange
01:Outputlow
10:Outputhigh
11:Toggleoutput
PWMOutputMode/SinglePulseOutputMode
00:PWMoutputinactivestate
01:PWMoutputactivestate
10:PWMoutput
11:SinglePulseOutput
CaptureInputMode
00:InputcaptureatrisingedgeofSTPnI
01:InputcaptureatfallingedgeofSTPnI
10:Inputcaptureatrising/fallingedgeofSTPnI
11:Inputcapturedisabled
Timer/CounterMode
Unused
ThesetwobitsareusedtodeterminehowtheSTMnoutputpinchangesstatewhena
certainconditionisreached.Thefunctionthatthesebitsselectdependsuponinwhich
modetheSTMnisrunning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com