Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 224 page
background image
Rev. 1.00
��
De�e��e� �1� �01�
Rev. 1.00
�7
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Memory Characteristics
Ta= -40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VRW
VDD fo� Read / W�ite
—
—
VDD�in
—
VDD�ax
V
Program Flash / Data EEPROM Memory
tDEW
E�ase / W�ite Cy�le Ti�e
—
—
�.�
�.5
�.8
�s
IDDPGM
P�og�a��ing / E�ase Cu��ent on
VDD
—
—
—
—
5.0
�A
EP
Cell Endu�an�e
—
—
100K
—
—
E/W
tRETD
ROM Data Retention Ti�e
—
Ta=�5°C
—
40
—
Yea�
RAM Data Memory
VDR
RAM Data Retention Voltage
—
Devi�e in SLEEP Mode
1.0
—
—
V
LVD & LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR ena�le� voltage sele�t �.1V
-5%
�.1
+5%
V
LVR ena�le� voltage sele�t �.55V
�.55
LVR ena�le� voltage sele�t 3.15V
3.15
LVR ena�le� voltage sele�t 3.8V
3.8
VLVD
Low Voltage Dete�tion Voltage
—
LVD ena�le� voltage sele�t �.0V
-5%
�.0
+5%
V
LVD ena�le� voltage sele�t �.�V
�.�
LVD ena�le� voltage sele�t �.4V
�.4
LVD ena�le� voltage sele�t �.7V
�.7
LVD ena�le� voltage sele�t 3.0V
3.0
LVD ena�le� voltage sele�t 3.3V
3.3
LVD ena�le� voltage sele�t 3.�V
3.�
LVD ena�le� voltage sele�t 4.0V
4.0
ILVRLVDBG
Ope�ating Cu��ent
3V LVD ena�le� LVR ena�le�
VBGEN=0
—
13
�0
μA
5V
—
1�
�4
3V LVD ena�le� LVR ena�le�
VBGEN=1
—
90
135
μA
5V
—
130
185
tLVDS
LVDO Sta�le Ti�e
—
Fo� LVR ena�le� VBGEN=0�
LVD off → on
—
—
15
μs
Fo� LVR disa�le� VBGEN=0�
LVD off → on
—
—
150
tLVR
Mini�u� Low Voltage Width to
Reset
—
—
1�0
�40
480
μs
tLVD
Mini�u� Low Voltage Width to
Inte��upt
—
—
�0
1�0
�40
μs
ILVR
Additional Cu��ent fo� LVR
Ena�le
— LVD disa�le� VBGEN=0
—
30
45
μA
ILVD
Additional Cu��ent fo� LVD
Ena�le
— LVR disa�le� VBGEN=0
—
10
�0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com