Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 88Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 89Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 90Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 91Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 92Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 93Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 94Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 95Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 224 page
background image
Rev. 1.00
9�
De�e��e� �1� �01�
Rev. 1.00
93
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Standard Type TM – STM
TheStandardTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.TheStandardTMcan
alsobecontrolledwithoneortwoexternalinputpinsandcandriveanexternaloutputpin.
Device
STM Core
STM Input Pin
STM Output Pin
HT��F4530
10-�it STM
(STM0)
STP0I
STP0
HT��F4540
10-�it STM
(STM0)
STCK0� STP0I
STP0
HT��F4550
10-�it STM
(STM0� STM1)
STCK0� STP0I;
STCK1� STP1I
STP0;
STP1
fSYS
fSYS/4
fH/�4
fH/1�
fSUB
000
001
010
011
100
101
110
111
STnCK�~STnCK0
10-�it Count-up Counte�
3-�it Co�pa�ato� P
CCRP
�7~�9
�0~�9
10-�it Co�pa�ato� A
STnON
STnPAU
Co�pa�ato� A Mat�h
Co�pa�ato� P Mat�h
Counte� Clea�
0
1
Output
Cont�ol
Pola�ity
Cont�ol
Pin
Cont�ol
STPn
STnOC
STnM1� STnM0
STnIO1� STnIO0
STMnAF Inte��upt
STMnPF Inte��upt
STnPOL
PxSn
CCRA
STnCCLR
Edge
Dete�to�
STnIO1� STnIO0
fSUB
Pin
Cont�ol
STPnI
PxSn
Pin
Cont�ol
STCKn
PxSn
Note:1.n=0forHT66F4530/HT66F4540,n=0or1forHT66F4550.
2.STCKnisnotavailableforHT66F4530.
Standard Type TM Block Diagram
Standard TM Operation
ThesizeofStandardTMis10-bitwideanditscoreisa10-bitcount-upcounterwhichisdrivenby
auserselectableinternalorexternalclocksource.Therearealsotwointernalcomparatorswiththe
names,ComparatorAandComparatorP.Thesecomparatorswillcomparethevalueinthecounter
withCCRPandCCRAregisters.TheCCRPcomparatoris3-bitwidewhosevalueiscomparedwith
thehighest8bitsinthecounterwhiletheCCRAisthe10bitsandthereforecomparesallcounter
bits.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingtheSTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aSTMninterruptsignalwillalsousuallybegenerated.TheStandard
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolanoutputpin.Alloperatingsetupconditionsare
selectedusingrelevantinternalregisters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com