Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 31Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 224 page
background image
Rev. 1.00
�8
De�e��e� �1� �01�
Rev. 1.00
�9
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Operational Amplifier Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
IOPA
Additional Cu��ent fo�
Operational Amplifier Enable
—
No load�
SDA�BW[1:0]=00B (�=0� 1)
—
1.�
�.4
μA
No load�
SDA�BW[1:0]=01B (�=0� 1)
—
10
1�
No load�
SDA�BW[1:0]=10B (�=0� 1)
—
80
1�8
No load�
SDA�BW[1:0]=11B (�=0� 1)
—
�00
3�0
VOS
Input Offset Voltage
5V
Without �ali��ation
(SDA�OF[5:0]=100000B� �=0� 1)
-15
—
+15
�V
With �ali��ation
-�
—
+�
�V
VCM
Co��on Mode Voltage Range —
—
VSS
—
VDD-
1.4
V
PSRR
Powe� Supply Reje�tion Ratio
5V
—
58
70
—
dB
CMRR
Co��on Mode Reje�tion Ratio 5V
—
58
80
—
dB
AOL
Open Loop Gain
—
—
�0
80
—
dB
SR
Slew Rate +� Slew Rate -
5V
RL=1MΩ, CL=�0pF�
SDA1BW[1:0]=00
o� SDA0BW[1:0]=00
1.0
1.5
—
V/�s
RL=1MΩ, CL=�0pF�
SDA1BW[1:0]=01
o� SDA0BW[1:0]=01
10
15
—
RL=1MΩ, CL=�0pF�
SDA1BW[1:0]=10
o� SDA0BW[1:0]=10
300
500
—
RL=1MΩ, CL=�0pF�
SDA1BW[1:0]=11
o� SDA0BW[1:0]=11
1�00 1800
—
GBW
Operational Amplifier Gain
Band Bandwidth
(Each Operational Amplifier)
5V
RL=1MΩ, CL=100pF�
SDA1BW[1:0]=00
o� SDA0BW[1:0]=00
�.5
5
—
kHz
RL=1MΩ, CL=100pF�
SDA1BW[1:0]=01
o� SDA0BW[1:0]=01
�0
40
—
RL=1MΩ, CL=100pF�
SDA1BW[1:0]=10
o� SDA0BW[1:0]=10
400
�00
—
RL=1MΩ, CL=100pF�
SDA1BW[1:0]=11
o� SDA0BW[1:0]=11
1300 �000
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com