Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 27Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 28Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 29Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 30Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 224 page
background image
Rev. 1.00
��
De�e��e� �1� �01�
Rev. 1.00
�7
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
A/D Converter Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.7
—
5.5
V
VADI
Input Voltage
—
—
0
—
VREF
V
VREF
Refe�en�e Voltage
—
—
�
—
VDD
V
DNL
Diffe�ential Non-linea�ity
3V
VREF=VDD� tADCK=0.5μs
—
—
±3
LSB
5V
3V
VREF=VDD� tADCK=10μs
5V
INL
Integ�al Non-linea�ity
3V
VREF=VDD� tADCK=0.5μs
—
—
±4
LSB
5V
3V
VREF=VDD� tADCK=10μs
5V
IADC
Additional Cu��ent fo� A/D
Conve�te� Ena�le
3V
No load� tADCK=0.5μs
—
1
�
�A
5V
—
1.5
3
tADCK
Clo�k Pe�iod
—
—
0.5
—
10
μs
tON�ST
A/D Conve�te� On-to-Sta�t Ti�e
—
—
4
—
—
μs
tADC
Conve�sion Ti�e(In�lude A/D
Sa�ple and Hold Ti�e)
—
—
1�
—
�0
tADCK
Internal Reference Voltage Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Ope�ating Voltage
—
—
�.�
—
5.5
V
VBGREF
Bandgap Refe�en�e Voltage
5.0V
—
-1%
1.�
+1%
V
�.�V~5.5V Ta= -40°C~85°C
-�%
1.�
+�%
V
IBGREF
Ope�ating Cu��ent
5.5V
Ta= -40°C~85°C
—
35
55
μA
ISD
Shutdown Cu��ent
—
VBGREN=0
—
—
0.1
μA
tSTART
Sta�tup Ti�e
�.�V~5.5V
—
—
—
400
μs
Note:1.A0.1μFceramiccapacitorshouldbeconnectedbetweenVDDandGND.
2.TheVBGREFvoltageisusedastheA/Dconverterinternalsignalinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com