Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 61 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 61 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 65Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 224 page
background image
Rev. 1.00
�0
De�e��e� �1� �01�
Rev. 1.00
�1
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
SLOW Mode to FAST Mode Switching
InSLOWmodethesystemclockisderivedfromfSUB.Whensystemclockisswitchedbacktothe
FASTmodefromfSUB,theCKS2~CKS0bitsshouldbesetto"000"~"110"andthenthesystemclock
willrespectivelybeswitchedtofH~fH/64.
However,iffHisnotusedinSLOWmodeandthusswitchedoff,itwilltakesometimetore-
oscillateandstabilisewhenswitchingtotheFASTmodefromtheSLOWMode.Thisismonitored
usingtheHXTFbitintheHXTCregisterortheHIRCFbitintheHIRCCregister.Thetimeduration
requiredforthehighspeedsystemoscillatorstabilizationisspecifiedintheSystemStartUpTime
Characteristics.
FAST Mode
SLOW Mode
CKS�~CKS0 = 000~110
SLEEP Mode
FHIDEN=0� FSIDEN=0
HALT inst�u�tion is exe�uted
IDLE0 Mode
FHIDEN=0� FSIDEN=1
HALT inst�u�tion is exe�uted
IDLE1 Mode
FHIDEN=1� FSIDEN=1
HALT inst�u�tion is exe�uted
IDLE2 Mode
FHIDEN=1� FSIDEN=0
HALT inst�u�tion is exe�uted
Entering the SLEEP Mode
ThereisonlyonewayforthesedevicestoentertheSLEEPModeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwithboththeFHIDENandFSIDENbitsintheSCCregister
equalto"0".InthismodealltheclocksandfunctionswillbeswitchedoffexcepttheWDTfunction.
Whenthisinstructionisexecutedundertheconditionsdescribedabove,thefollowingwilloccur:
• Thesystemclockwillbestoppedandtheapplicationprogramwillstopatthe"HALT"
instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.
• TheWDTwillbeclearedandresumecountingiftheWDTfunctionisenabled.IftheWDT
functionisdisabled,theWDTwillbeclearedandthenstopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com