Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 224 page
background image
Rev. 1.00
�0
De�e��e� �1� �01�
Rev. 1.00
�1
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Standby Current Characteristics
Ta=�5°C
Symbol
Standby Mode
Test Conditions
Min.
Typ. Max.
Max.
Unit
VDD
Conditions
85°C
ISTB
SLEEP Mode
�.�V
WDT off
—
0.�
0.�
0.7
μA
3V
—
0.�
0.8
1.0
5V
—
0.5
1.0
1.�
�.�V
WDT on
—
1.�
�.4
�.9
3V
—
1.5
3.0
3.�
5V
—
3.0
5.0
�.0
IDLE0 Mode – LIRC
�.�V
fSUB on
—
�.4
4.0
4.8
μA
3V
—
3.0
5.0
�.0
5V
—
5.0
10
1�
IDLE0 Mode – LXT
�.�V
fSUB on
—
�.4
4.0
4.8
μA
3V
—
3.0
5.0
�.0
5V
—
5.0
10
1�
IDLE1 Mode – HIRC
�.�V
fSUB on� fSYS=�MHz
—
�0
90
90
μA
3V
—
90
135
135
5V
—
180
�70
�70
�.�V
fSUB on� fSYS=4MHz
—
144
�00
�40
μA
3V
—
180
�50
300
5V
—
400
�00
7�0
�.�V
fSUB on� fSYS=8MHz
—
�88
400
480
μA
3V
—
3�0
500
�00
5V
—
�00
800
9�0
IDLE1 Mode – HXT
�.�V
fSUB on� fSYS=4MHz
—
144
�00
�40
μA
3V
—
180
�50
300
5V
—
400
�00
7�0
�.�V
fSUB on� fSYS=8MHz
—
�88
400
480
μA
3V
—
3�0
500
�00
5V
—
�00
800
9�0
�.7V
fSUB on� fSYS=1�MHz
—
43�
�00
7�0
μA
3V
—
540
750
900
5V
—
800
1�00 1440
Notes:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
• Anydigitalinputsaresetupinanon-floatingcondition.
• Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
• TherearenoDCcurrentpaths.
• AllStandbyCurrentvaluesaretakenafteraHALTinstructionexecutionthusstoppingallinstruction
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com