Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 36 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 36 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 32Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 33Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 34Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 35Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 36Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 37Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 38Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 39Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 40Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 224 page
background image
Rev. 1.00
3�
De�e��e� �1� �01�
Rev. 1.00
37
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Table Read Program Example
tempreg1 db ? ; temporary register #1
tempreg2 db ? ; temporary register #2
:
:
mov a,06h
; initialise low table pointer - note that this address is referenced
mov tblp,a
; to the last page or the page that tbhp pointed
mov a,07h
; initialise high table pointer
mov tbhp,a
:
:
tabrd tempreg1 ; transfers value in table referenced by table pointer data at program
; memory address "0706H" transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrd tempreg2 ; transfers value in table referenced by table pointer data at program
; memory address "0705H" transferred to tempreg2 and TBLH in this example
; the data "1AH" is transferred to tempreg1 and data "0FH" to register
; tempreg2
:
:
org 0700h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
In Circuit Programming – ICP
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientandeasy
upgradesandmodificationstotheirprogramsonthesamedevice.Asanadditionalconvenience,
Holtekhasprovidedameansofprogrammingthemicrocontrollerin-circuitusinga4-pininterface.
Thisprovidesmanufacturerswiththepossibilityofmanufacturingtheircircuitboardscompletewith
aprogrammedorun-programmedmicrocontroller,andthenprogrammingorupgradingtheprogram
atalaterstage.Thisenablesproductmanufacturerstoeasilykeeptheirmanufacturedproducts
suppliedwiththelatestprogramreleaseswithoutremovalandre-insertionofthesedevices.
TheHoltekFlashMCUtoWriterProgrammingPincorrespondencetableisasfollows:
Holtek Writer Pins
MCU Programming Pins
Pin Description
ICPDA
PA0
P�og�a��ing Se�ial Data/Add�ess
ICPCK
PA�
P�og�a��ing Clo�k
VDD
VDD
Powe� Supply
VSS
VSS
G�ound
TheProgramMemoryandEEPROMDataMemorycanbeprogrammedseriallyin-circuitusingthis
4-wireinterface.Dataisdownloadedanduploadedseriallyonasinglepinwithanadditionallinefor
theclock.Twoadditionallinesarerequiredforthepowersupply.Thetechnicaldetailsregardingthe
in-circuitprogrammingofthesedevicesarebeyondthescopeofthisdocumentandwillbesupplied
insupplementaryliterature.
Duringtheprogrammingprocess,theusermusttakecareoftheICPDAandICPCKpinsfordata
andclockprogrammingpurposestoensurethatnootheroutputsareconnectedtothesetwopins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com