Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 25Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 224 page
background image
Rev. 1.00
��
De�e��e� �1� �01�
Rev. 1.00
�3
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Operating Current Characteristics
Ta=�5°C
Symbol
Operating Mode
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD
SLOW Mode – LIRC
�.�V
fSYS=3�kHz
—
8
1�
μA
3V
—
10
�0
5V
—
30
50
SLOW Mode – LXT
�.�V
fSYS=3�.7�8kHz
—
8
1�
μA
3V
—
10
�0
5V
—
30
50
FAST Mode – HIRC
�.�V
fSYS=�MHz
—
0.14
0.�1
�A
3V
—
0.�0
0.30
5V
—
0.40
0.�0
�.�V
fSYS=4MHz
—
0.30
0.50
�A
3V
—
0.40
0.�0
5V
—
0.80
1.�0
�.�V
fSYS=8MHz
—
0.�0
1.00
�A
3V
—
0.80
1.�0
5V
—
1.�0
�.4
FAST Mode – HXT
�.�V
fSYS=4MHz
—
0.40
0.�0
�A
3V
—
0.50
0.75
5V
—
1.00
1.50
�.�V
fSYS=8MHz
—
0.80
1.�0
�A
3V
—
1.00
1.50
5V
—
�.00
3.00
�.7V
fSYS=1�MHz
—
1.�0
�.�0
�A
3V
—
1.50
�.75
5V
—
3.00
4.50
Notes:Whenusingthecharacteristictabledata,thefollowingnotesshouldbetakenintoconsideration:
• Anydigitalinputsaresetupinanon-floatingcondition.
• Allmeasurementsaretakenunderconditionsofnoloadandwithallperipheralsinanoffstate.
• TherearenoDCcurrentpaths.
• AllOperatingCurrentvaluesaremeasuredusingacontinuousNOPinstructionprogramloop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com