Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 224 page
background image
Rev. 1.00
10�
De�e��e� �1� �01�
Rev. 1.00
107
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Periodic Type TM – PTM
ThePeriodicTypeTMcontainsfiveoperatingmodes,whichareCompareMatchOutput,Timer/
EventCounter,CaptureInput,SinglePulseOutputandPWMOutputmodes.ThePeriodicTMcan
becontrolledwithoneexternalinputpinandcandriveanexternaloutputpin.
Device
PTM Core
PTM Input Pin PTM Output Pin
HT��F4530 10-�it PTM(PTM0)
PTCK0
PTP0
HT��F4540 10-�it PTM(PTM0� PTM1)
PTCK0; PTCK1
PTP0; PTP1
HT��F4550 10-�it PTM(PTM0� PTM1)
PTCK0; PTCK1
PTP0; PTP1
10-bit Count-up Counter
10-bit Comparator P
CCRP
10-bit Comparator A
Output
Control
Polarity
Control
Pin
Control
PTPn
CCRA
Edge
Detector
PTnCCLR
fSYS
fSYS/4
fH/64
fH/16
fSUB
PTnCK2~PTnCK0
PTnON
PTnPAU
Comparator A Match
Comparator P Match
Counter Clear
PTnOC
PTnM1, PTnM0
PTnIO1, PTnIO0
PTMnAF Interrupt
PTMnPF Interrupt
PTnPOL
PxSn
PTnIO1, PTnIO0
fSUB
PTnCAPTS
000
001
010
011
100
101
110
111
b0~b9
b0~b9
0
1
1
0
Pin
Control
PxSn
PTCKn
VDD
Note:1.n=0forHT66F4530,n=0or1forHT66F4540/HT66F4550.
2.TheCaptureinputcanonlycomefromthePTCKnpinfortheHT66F45x0devices.
Periodic Type TM Block Diagram
Periodic TM Operation
ThePeriodicTypeTMcoreisa10-bitcount-upcounterwhichisdrivenbyauserselectableinternal
orexternalclocksource.Therearealsotwointernalcomparatorswiththenames,ComparatorA
andComparatorP.ThesecomparatorswillcomparethevalueinthecounterwithCCRPandCCRA
registers.TheCCRPcomparatoris10-bitwide.
Theonlywayofchangingthevalueofthe10-bitcounterusingtheapplicationprogram,isto
clearthecounterbychangingthePTnONbitfromlowtohigh.Thecounterwillalsobecleared
automaticallybyacounteroverfloworacomparematchwithoneofitsassociatedcomparators.
Whentheseconditionsoccur,aPTMninterruptsignalwillalsousuallybegenerated.ThePeriodic
TypeTMcanoperateinanumberofdifferentoperationalmodes,canbedrivenbydifferentclock
sourcesincludinganinputpinandcanalsocontrolmorethanoneoutputpin.Alloperatingsetup
conditionsareselectedusingrelevantinternalregisters.
Periodic Type TM Register Description
OveralloperationofthePeriodicTypeTMiscontrolledusingaseriesofregisters.Areadonly
registerpairexiststostoretheinternalcounter10-bitvalue,whiletworead/writeregisterpairsexist
tostoretheinternal10-bitCCRAvalueandCCRPvalue.Theremainingtworegistersarecontrol
registerswhichsetupthedifferentoperatingandcontrolmodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com