Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
Rev. 1.00
140
De�e��e� �1� �01�
Rev. 1.00
141
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
START signal
f�o� Maste�
Send slave add�ess
and R/W �it f�o� Maste�
A�knowledge
f�o� slave
Send data �yte
f�o� Maste�
A�knowledge
f�o� slave
STOP signal
f�o� Maste�
TheSIMDEB1andSIMDEB0bitsdeterminethedebouncetimeoftheI2Cinterface.Thisuses
theinternalclocktoineffectaddadebouncetimetotheexternalclocktoreducethepossibility
ofglitchesontheclocklinecausingerroneousoperation.Thedebouncetime,ifselected,canbe
chosentobeeither2or4systemclocks.ToachievetherequiredI2Cdatatransferspeed,there
existsarelationshipbetweenthesystemclock,fSYS,andtheI2Cdebouncetime.ForeithertheI2C
StandardorFastmodeoperation,usersmusttakecareoftheselectedsystemclockfrequencyand
theconfigureddebouncetimetomatchthecriterionshowninthefollowingtable.
I2C Debounce Time Selection
I2C Standard Mode (100kHz)
I2C Fast Mode (400kHz)
No De�oun�e
fSYS > � MHz
fSYS > 5 MHz
� syste� �lo�k de�oun�e
fSYS > 4 MHz
fSYS > 10 MHz
4 syste� �lo�k de�oun�e
fSYS > 8 MHz
fSYS > �0 MHz
I2C Minimum fSYS Frequency
I2C Registers
TherearethreecontrolregistersassociatedwiththeI2Cbus,SIMC0,SIMC1andSIMTOC,one
addressregisterSIMAandonedataregister,SIMD.
Register
Name
Bit
7
6
5
4
3
2
1
0
SIMC0
SIM�
SIM1
SIM0
—
SIMDEB1 SIMDEB0 SIMEN
SIMICF
SIMC1
HCF
HAAS
HBB
HTX
TXAK
SRW
IAMWU
RXAK
SIMD
D7
D�
D5
D4
D3
D�
D1
D0
SIMA
A�
A5
A4
A3
A�
A1
A0
—
SIMTOC SIMTOEN SIMTOF SIMTOS5 SIMTOS4 SIMTOS3 SIMTOS� SIMTOS1 SIMTOS0
I2C Registers List
I2C Data Register
TheSIMDregisterisusedtostorethedatabeingtransmittedandreceived.Thesameregisterisused
byboththeSPIandI2Cfunctions.BeforethesedeviceswritedatatotheI2Cbus,theactualdatato
betransmittedmustbeplacedintheSIMDregister.AfterthedataisreceivedfromtheI2Cbus,these
devicescanreaditfromtheSIMDregister.AnytransmissionorreceptionofdatafromtheI2Cbus
mustbemadeviatheSIMDregister.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com