Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 146 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 146 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 145Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 146Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 147Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 148Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 149Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 150Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 224 page
background image
Rev. 1.00
14�
De�e��e� �1� �01�
Rev. 1.00
147
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
I2C Bus Start Signal
TheSTARTsignalcanonlybegeneratedbythemasterdeviceconnectedtotheI2Cbusandnotby
theslavedevice.ThisSTARTsignalwillbedetectedbyalldevicesconnectedtotheI2Cbus.When
detected,thisindicatesthattheI2CbusisbusyandthereforetheHBBbitwillbeset.ASTART
conditionoccurswhenahightolowtransitionontheSDAlinetakesplacewhentheSCLline
remainshigh.
I2C Slave Address
ThetransmissionofaSTARTsignalbythemasterwillbedetectedbyalldevicesontheI2Cbus.
Todeterminewhichslavedevicethemasterwishestocommunicatewith,theaddressoftheslave
devicewillbesentoutimmediatelyfollowingtheSTARTsignal.Allslavedevices,afterreceiving
this7-bitaddressdata,willcompareitwiththeirown7-bitslaveaddress.Iftheaddresssentoutby
themastermatchestheinternaladdressofthemicrocontrollerslavedevice,thenaninternalI2Cbus
interruptsignalwillbegenerated.Thenextbitfollowingtheaddress,whichisthe8thbit,defines
theread/writestatusandwillbesavedtotheSRWbitoftheSIMC1register.Theslavedevicewill
thentransmitanacknowledgebit,whichisalowlevel,asthe9thbit.Theslavedevicewillalsoset
thestatusflagHAASwhentheaddressesmatch.
AsanI2Cbusinterruptcancomefromthreesources,whentheprogramenterstheinterrupt
subroutine,theHAASandSIMTOFbitsshouldbeexaminedtoseewhethertheinterruptsource
hascomefromamatchingslaveaddressorfromthecompletionofadatabytetransferortheI2C
bustime-outoccurrence.Whenaslaveaddressismatched,thesedevicesmustbeplacedineither
thetransmitmodeandthenwritedatatotheSIMDregister,orinthereceivemodewhereitmust
implementadummyreadfromtheSIMDregistertoreleasetheSCLline.
I2C Bus Read/Write Signal
TheSRWbitintheSIMC1registerdefineswhetherthemasterdevicewishestoreaddatafromthe
I2CbusorwritedatatotheI2Cbus.Theslavedeviceshouldexaminethisbittodetermineifitisto
beatransmitterorareceiver.IftheSRWflagis"1"thenthisindicatesthatthemasterdevicewishes
toreaddatafromtheI2Cbus,thereforetheslavedevicemustbesetuptosenddatatotheI2Cbusas
atransmitter.IftheSRWflagis"0"thenthisindicatesthatthemasterwishestosenddatatotheI2C
bus,thereforetheslavedevicemustbesetuptoreaddatafromtheI2Cbusasareceiver.
I2C Bus Slave Address Acknowledge Signal
Afterthemasterhastransmittedacallingaddress,anyslavedeviceontheI2Cbus,whose
owninternaladdressmatchesthecallingaddress,mustgenerateanacknowledgesignal.The
acknowledgesignalwillinformthemasterthataslavedevicehasaccepteditscallingaddress.Ifno
acknowledgesignalisreceivedbythemasterthenaSTOPsignalmustbetransmittedbythemaster
toendthecommunication.WhentheHAASflagishigh,theaddresseshavematchedandtheslave
devicemustchecktheSRWflagtodetermineifitistobeatransmitterorareceiver.IftheSRWflag
ishigh,theslavedeviceshouldbesetuptobeatransmittersotheHTXbitintheSIMC1register
shouldbesetto"1".IftheSRWflagislow,thenthemicrocontrollerslavedeviceshouldbesetupas
areceiverandtheHTXbitintheSIMC1registershouldbesetto"0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com