Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 156 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 156 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 152Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 153Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 154Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 155Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 156Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 157Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 158Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 159Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 160Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 224 page
background image
Rev. 1.00
15�
De�e��e� �1� �01�
Rev. 1.00
157
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Bit3
WAKE:RXpinwake-upUARTfunctionenablecontrol
0:RXpinwake-upUARTfunctionisdisabled
1:RXpinwake-upUARTfunctionisenabled
Thisbitisusedtocontrolthewake-upUARTfunctionwhenafallingedgeontheRX
pinoccurs.NotethatthisbitisonlyavailablewhentheUARTclock(fH)isswitched
off.TherewillbenoRXpinwake-upUARTfunctioniftheUARTclock(fH)exists.
IftheWAKEbitissetto1astheUARTclock(fH)isswitchedoff,aUARTwake-
uprequestwillbeinitiatedwhenafallingedgeontheRXpinoccurs.Whenthis
requesthappensandthecorrespondinginterruptisenabled,anRXpinwake-upUART
interruptwillbegeneratedtoinformtheMCUtowakeuptheUARTfunctionby
switchingontheUARTclock(fH)viatheapplicationprogram.Otherwise,theUART
functioncannotresumeevenifthereisafallingedgeontheRXpinwhentheWAKE
bitisclearedto0.
Bit2
RIE:Receiverinterruptenablecontrol
0:Receiverrelatedinterruptisdisabled
1:Receiverrelatedinterruptisenabled
Thisbitenablesordisablesthereceiverinterrupt.Ifthisbitisequalto"1"andwhen
thereceiveroverrunflagOERRorreceivedataavailableflagRXIFisset,theUART
interruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterruptrequest
flagwillnotbeinfluencedbytheconditionoftheOERRorRXIFflags.
Bit1
TIIE:TransmitterIdleinterruptenablecontrol
0:Transmitteridleinterruptisdisabled
1:Transmitteridleinterruptisenabled
Thisbitenablesordisablesthetransmitteridleinterrupt.Ifthisbitisequalto"1"and
whenthetransmitteridleflagTIDLEisset,duetoatransmitteridlecondition,the
UARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUARTinterrupt
requestflagwillnotbeinfluencedbytheconditionoftheTIDLEflag.
Bit0
TEIE:TransmitterEmptyinterruptenablecontrol
0:Transmitteremptyinterruptisdisabled
1:Transmitteremptyinterruptisenabled
Thisbitenablesordisablesthetransmitteremptyinterrupt.Ifthisbitisequalto"1"
andwhenthetransmitteremptyflagTXIFisset,duetoatransmitteremptycondition,
theUARTinterruptrequestflagwillbeset.Ifthisbitisequalto"0",theUART
interruptrequestflagwillnotbeinfluencedbytheconditionoftheTXIFflag.
TXR_RXR Register
Bit
7
6
5
4
3
2
1
0
Na�e
TXRX7
TXRX�
TXRX5
TXRX4
TXRX3
TXRX�
TXRX1
TXRX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x" unknown
Bit7~0
TXRX7~TXRX0:UARTTransmit/ReceiveDatabit7~bit0
BRG Register
Bit
7
6
5
4
3
2
1
0
Na�e
BRG7
BRG�
BRG5
BRG4
BRG3
BRG�
BRG1
BRG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x" unknown
Bit7~0
BRG7~BRG0:BaudRatevalues
ByprogrammingtheBRGHbitinUCR2Registerwhichallowsselectionofthe
relatedformuladescribedaboveandprogrammingtherequiredvalueintheBRG
register,therequiredbaudratecanbesetup.
Note:Baudrate=fH/[64×(N+1)]ifBRGH=0.
Baudrate=fH/[16×(N+1)]ifBRGH=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com