Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 186 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 186 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 182Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 183Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 184Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 185Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 186Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 187Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 188Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 189Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 190Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 224 page
background image
Rev. 1.00
18�
De�e��e� �1� �01�
Rev. 1.00
187
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
MFI1 Register – HT66F4550
Bit
7
6
5
4
3
2
1
0
Na�e
STM1AF STM1PF STM0AF STM0PF STM1AE STM1PE STM0AE STM0PE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
STM1AF:STM1ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit6
STM1PF:STM1ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
STM0AF:STM0ComparatorAmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit4
STM0PF:STM0ComparatorPmatchinterruptrequestflag
0:Norequest
1:Interruptrequest
Bit3
STM1AE:STM1ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit2
STM1PE:STM1ComparatorPmatchinterruptcontrol
0:Disable
1:Enable
Bit1
STM0AE:STM0ComparatorAmatchinterruptcontrol
0:Disable
1:Enable
Bit0
STM0PE:STM0ComparatorPmatchinterruptcontrol
0:Disable
1:Enable
Interrupt Operation
Whentheconditionsforaninterrupteventoccur,suchasaTMComparatorP,ComparatorA
matchorA/Dconversioncompletionetc.,therelevantinterruptrequestflagwillbeset.Whether
therequestflagactuallygeneratesaprogramjumptotherelevantinterruptvectorisdeterminedby
theconditionoftheinterruptenablebit.Iftheenablebitissethighthentheprogramwilljumpto
itsrelevantvector;iftheenablebitiszerothenalthoughtheinterruptrequestflagissetanactual
interruptwillnotbegeneratedandtheprogramwillnotjumptotherelevantinterruptvector.The
globalinterruptenablebit,ifclearedtozero,willdisableallinterrupts.
Whenaninterruptisgenerated,theProgramCounter,whichstorestheaddressofthenextinstruction
tobeexecuted,willbetransferredontothestack.TheProgramCounterwillthenbeloadedwitha
newaddresswhichwillbethevalueofthecorrespondinginterruptvector.Themicrocontrollerwill
thenfetchitsnextinstructionfromthisinterruptvector.Theinstructionatthisvectorwillusually
bea"JMP"whichwilljumptoanothersectionofprogramwhichisknownastheinterruptservice
routine.Hereislocatedthecodetocontroltheappropriateinterrupt.Theinterruptserviceroutine
mustbeterminatedwitha"RETI",whichretrievestheoriginalProgramCounteraddressfrom
thestackandallowsthemicrocontrollertocontinuewithnormalexecutionatthepointwherethe
interruptoccurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com