Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F4530 Datasheet(PDF) 196 Page - Holtek Semiconductor Inc

Part # HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Datasheet(HTML) 196 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 192Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 193Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 194Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 195Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 196Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 197Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 198Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 199Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 200Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 224 page
background image
Rev. 1.00
19�
De�e��e� �1� �01�
Rev. 1.00
197
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Application Circuits
1
1
12
R6
12
R9
82pF
C8
82pF
C7
D4
1N4004
D5
1N4004
D6
1N4004
D7
1N4004
2.5 M
R3
330k
8050
8050
4.3k
R7
4.3 k
R8
103
C4
104
C6
1
3
U2
HT7133
200k
R4
VCC
VDD
D8
4148
47uF
D3
IRTX
VDD
GND
PB0
SCSB
SCLK
SDI
SDO
A0PI
A0NI
A1NI
A1PI
A1O
A0O
OPA1
OPA0
PTP1
U1
HT66F45x0
VDD
1
2
3
4
RF Module
VDD
D2
IRRX
10pF
C10
102
C14
33pF
C11
5.1M
R12
200k
R13
1M
R14
2M
R10
2M
R11
30k
R18
200k
R19
10k
R20
102
C13
VDD
8050
HT66F45x0 Smoke Detector Ver1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com