Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8952 Datasheet HTML 1Page - Cirrus Logic CS8952 Datasheet HTML 2Page - Cirrus Logic CS8952 Datasheet HTML 3Page - Cirrus Logic CS8952 Datasheet HTML 4Page - Cirrus Logic CS8952 Datasheet HTML 5Page - Cirrus Logic CS8952 Datasheet HTML 6Page - Cirrus Logic CS8952 Datasheet HTML 7Page - Cirrus Logic CS8952 Datasheet HTML 8Page - Cirrus Logic CS8952 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
5
DC CHARACTERISTICS (Over recommended operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit
External Oscillator
XTAL_I Input Low Voltage
VIXH
-0.3
-
0.5
V
XTAL_I Input High Voltage
VIXH
3.5
-
VDD+0.5
V
XTAL_I Input Low Current
IIXL
-40
-
-
µA
XTAL_I Input High Current
IIXH
--
40
µA
XTAL_I Input Capacitance
CL
-35
pF
XTAL_I Input Cycle Time
tIXC
39.996
-
40.004
ns
XTAL_I Input Low Time
tIXL
18
-
22
ns
XTAL_I Input High Time
tXH
18
-
22
ns
Power Supply
Power Supply Current
100BASE-TX (Note 1)
100BASE-FX (Note 1)
10BASE-T (Note 1)
IDD
-
-
-
135
90
80
145
-
-
mA
Hardware Power-Down
(Note 1)IDDHPDN
-900
-
µA
Software Power-Down
(Note 1)IDDSPDN
-20
-
mA
Low Power Power-Up
(Note 1)IDDSLPUP
-900
-
µA
Digital I/O
Output Low Voltage
CLK25, MII_IRQ, SPD10, SPD100
IOL =4.0mA
LED[4:0]
IOL =10.0mA
VOL
-
-
-
-
0.4
0.4
V
Output Low Voltage (MII_DRV = 1)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL =4.0mA
VDD_MII = 5V; IOL =43.0mA
VDD_MII = 3.3V, IOL =26.0mA
VOL
-
-
-
-
-
-
0.4
3.05
2.1
V
Output Low Voltage (MII_DRV = 0)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOL =4.0mA
VOL
--
0.4
V
Output High Voltage
CLK25, SPD10, SPD100
IOH =-4.0mA
VOH
2.4
-
-
V
Output High Voltage (MII_DRV = 1)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOH=-4.0mA
VDD_MII= 5V;IOH =-20.0mA
VDD_MII= 3.3V,IOH =-20.0mA
VOH
2.4
1.1
1.1
-
-
-
-
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com