Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 55Page - Cirrus Logic CS8952 Datasheet HTML 56Page - Cirrus Logic CS8952 Datasheet HTML 57Page - Cirrus Logic CS8952 Datasheet HTML 58Page - Cirrus Logic CS8952 Datasheet HTML 59Page - Cirrus Logic CS8952 Datasheet HTML 60Page - Cirrus Logic CS8952 Datasheet HTML 61Page - Cirrus Logic CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
59
6.18
Self Status Register - Address 19h
15
14
13
12
11
10
9
8
Link OK
Power
Down
Receiving
Data
Descrambler
Lock
Disable CRS
on Time-out
Auto-Neg
Enable Status
PAUSE
FEFI Enable
765
4321
0
Full Duplex
10BASE-T
Mode
CIM Status
PHY Address
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Link OK
Read Only
0
When set, this bit indicates that a valid link connec-
tion has been detected. The type of link established
may be determined from bits 6, 7, and 9. When clear,
this bit indicates that a valid link connection does not
exist. This bit may be used to determine the current
status of the link.
14
Power Down
Read Only
1
When high, this bit indicates that the CS8952 is in a
low power state.
13
Receiving Data
Read Only
0
This bit is high whenever the CS8952 is receiving
valid data. It is a direct copy of the state of the
RX_DV pin accessible by software.
12
Descrambler Lock
Read Only
0
When high, this bit indicates that the descrambler
has successfully locked to the scrambler seed of the
far-end transmitter and is able to descramble
received data.
11
Disable CRS on
Time-out
Read/Write Reset to the logic
inverse of the
valueonthe
REPEATER pin.
This bit controls the state of the CRS pin upon a
descrambler time-out. When set, CRS will be forced
low upon a descrambler time-out, and will not be
released until the descrambler has re-acquired syn-
chronization.
10
Auto-Neg Enable
Status
Read Only
If auto-negotiation
is enabled via the
AN[1:0] pins, reset
to 1; otherwise,
reset to 0.
This bit reflects the value of bit 12 in the Basic Mode
Control Register (address 00h). When set, it indi-
cates that auto-negotiation has been enabled. When
clear, this bit indicates that the mode of the CS8952
has been forced to that indicated by bits 6, and 7.
9
PAUSE
Read Only
0
When set, this bit indicates that the Flow-Control
PAUSE function has been negotiated. This indicates
that both the local device and the link partner have
advertised this capability.
8
FEFI Enable
Read/Write 0
This bit controls the Far-End Fault Generate and
Detect state machines. When this bit is set and auto-
negotiation is disabled (bit 10 is clear), both state
machines are enabled. When clear, this bit disables
both state machines.
7
Full Duplex
Read Only
If a full duplex
mode is enabled
via the AN[1:0]
pins, reset to 1;
otherwise, reset to
0.
When set, this bit indicates that the CS8952 has
been configured for Full-Duplex operation.
6
10BASE-T Mode
Read Only
0
When set, this bit indicates that the CS8952 has
been configured for 10 Mb/s operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com