Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 10Page - Cirrus Logic CS8952 Datasheet HTML 11Page - Cirrus Logic CS8952 Datasheet HTML 12Page - Cirrus Logic CS8952 Datasheet HTML 13Page - Cirrus Logic CS8952 Datasheet HTML 14Page - Cirrus Logic CS8952 Datasheet HTML 15Page - Cirrus Logic CS8952 Datasheet HTML 16Page - Cirrus Logic CS8952 Datasheet HTML 17Page - Cirrus Logic CS8952 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
CS8952
14
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
10BASE-T MII TRANSMIT TIMING
Parameter
Symbol
Min
Typ
Max
Unit
TXD[3:0] Setup to TX_CLK High
tSU1
10
-
-
ns
TX_ER Setup to TX_CLK High
tSU2
10
-
-
ns
TX_EN Setup to TX_CLK High
tSU3
10
-
-
ns
TXD[3:0] Hold after TX_CLK High
tHD1
0-
-
ns
TX_ER Hold after TX_CLK High
tHD2
0-
-
ns
TX_EN Hold after TX_CLK High
tHD3
0-
-
ns
TX_EN “high” to CRS asserted latency
tCRS1
0-
4
BT
TX_EN “low” to CRS de-asserted latency
tCRS2
0-
16
BT
TX_EN “high” to TX+/- output (TX Latency)
tLAT
6-
14
BT
SQE Timing
COL (SQE) Delay after CRS de-asserted
tCOL
0.65
0.9
1.6
µs
COL (SQE) Pulse Duration
tCOLP
0.65
1.0
1.6
µs
TX_CLK
TX_EN
TX_ER
TXD[3:0]
CRS
TX+/-
tSU3
tSU2
tSU1
tHD3
tHD2
tHD1
tCRS1
tCRS2
tLAT
Valid
Data
Input/Output
Input
Input
Input
Output
Output
TX_CLK
tSQE
COL
tSQEP
Input/Output
Output
SQE Timing
10BASE-T Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com