Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 50Page - Cirrus Logic CS8952 Datasheet HTML 51Page - Cirrus Logic CS8952 Datasheet HTML 52Page - Cirrus Logic CS8952 Datasheet HTML 53Page - Cirrus Logic CS8952 Datasheet HTML 54Page - Cirrus Logic CS8952 Datasheet HTML 55Page - Cirrus Logic CS8952 Datasheet HTML 56Page - Cirrus Logic CS8952 Datasheet HTML 57Page - Cirrus Logic CS8952 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
CS8952
54
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
9MF Preamble
Enable
Read/Write 0
When set, this bit will force all management frames
(via MDIO, MDC) to be preceded by a 32 bit pream-
ble pattern of contiguous ones to be considered
valid. When cleared, it allows management frames
with or without the preamble pattern. The status of
this register is (inversely) reflected in the MF Pream-
ble bit in the Basic Mode Status Register (address
01h).
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
8
Fast Test
Read/Write 0
When set, internal timers are sped up significantly in
order to facilitate production test. Leave clear for
proper operation.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
7
CLK25 Disable
Read/Write When TCM pin is
low, reset to 1;
otherwise, reset to
0
Setting this bit will disable (tri-state) the CLK25 out-
put pin, reducing digital noise and power consump-
tion.
6
Enable LT/100
Read/Write 1
When set, normal link status checking is enabled.
When clear, this bit forces the link status to Link OK
(at 100 Mb/s), and will assert the LINK_OK LED.
5
CIM Disable
Read/Write Reset to the logic
inverse of the
valueonthe
REPEATER pin.
When set, this bit forces the Carrier Integrity Monitor
function to be disabled. When low, the Carrier Integ-
rity Monitor function is enabled, and detection of an
unstable link will disable the receive and transmit
functions.
4
Tx Disable
Read/Write 0
When set, this bit forces the 10 Mb/s and 100 Mb/s
outputs to be inactive. When clear, normal transmis-
sion is enabled.
If Tx Disable is set while a packet is being transmit-
ted, transmission is completed and no subsequent
packets are transmitted until Tx Disable is cleared
again. Also, if Tx Disable is cleared while TX_EN is
high, the transmitter will remain disabled until TX_EN
is deasserted. This prevents fragments from being
transmitted onto the network.
BIT
NAME
TYPE
RESET
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com