Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 25Page - Cirrus Logic CS8952 Datasheet HTML 26Page - Cirrus Logic CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic CS8952 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
29
specification, while the remaining registers provide
enhanced monitoring and control capabilities.
As many as 31 devices may share a single Manage-
ment Interface. A unique five-bit PHY address is
associated with each device, with all devices re-
sponding to PHY address 00000. The CS8952 de-
termines its PHY address at power-up or reset
through the PHYAD[4:0] pins.
4.5
MII Management Frame Structure
Frames transmitted through the MII Management
Interface have the following format (Table 6):
When the management interface is idle, the MDIO
signal will be tri-stated, and the MAC is required to
keep MDIO pulled to a logic ONE.
At the beginning of each transaction, the MAC will
typically send a sequence of 32 contiguous logic
ONE bits on MDIO with 32 corresponding clock
cycles on MDC to provide the CS8952 with a pat-
tern that it can use to establish synchronization.
Optionally, the CS8952 may be configured to oper-
ate without the preamble through bit 9 of the PCS
Sub-Layer Configuration Register (address 17h).
The Start of Frame is indicated by a 01 bit pattern.
TX_CLK
TX_EN
TXD[3:0]
TX_ER
Preamble/SFD
DATA
Figure 4. Transmission without errors
TX_CLK
TX_EN
TXD[3:0]
TX_ER
Preamble/SFD
DATA
HALT
Figure 5. Transmission with errors
Preamble
(32 bits)
Start of
Frame
(2 bits)
Opcode
(2 bits)
PHY
Address
(5 bits)
Register
Address
(5 bits)
Turnaround
(2 bits)
Data
(16 bits)
Idle
Table 6. Format for Frame Transmitted through the MII Management Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com