Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic CS8952 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
CS8952
70
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin should be pulled
high during power-up or reset, and the RX_CLK pin should have an external 33
Ω series resistor. For
systems not required to drive external connectors and cables as described in the IEEE802.3u
specification, the external series resistor may not be necessary.
RX_DV/MII_DRV - Receive Data Valid/MII Drive Strength. Input/Tri-State Output, Pin 33.
Asserted high to indicate valid data nibbles are present on RXD[3:0].
At power-up or at reset, this pin is used as an input to determine the drive strength of the MII output
drivers. When the pin is low, all MII output drivers will be standard 4 mA CMOS drivers. When high,
additional drive strength will be added to the MII output drivers. This pin includes a weak internal pull-
down (> 20 K
Ω), or the value may be set by an external 4.7 KΩ pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, this pin should be pulled high
during power-up or reset and should have an external 33
Ω series resistor. For systems not required to
drive external connectors and cables as described in the IEEE802.3u specification, it may be possible to
reduce overall power consumption by pulling the pin low at power-up or reset, and the external series
resistor may not be necessary.
RX_EN - Receive Enable. Input, Pin 14.
When high, signals RXD[3:0], RX_CLK, RX_DV, and RX_ER are enabled. When low, these signals are
tri-stated. RX_EN allows the received data signals of multiple PHY transceivers to share the same MII
bus.
This pin includes a weak internal pull-up (> 150 K
Ω), or the value may be set by an external 10 KΩ pull-
up or pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com