Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 60Page - Cirrus Logic CS8952 Datasheet HTML 61Page - Cirrus Logic CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 82 page
background image
CS8952
64
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
TX_NRZ+/- termination components should be
placed as close to the fiber transceiver as possible,
while RX_NRZ+/- and SIGNAL+/- termination
components should be placed close to the CS8952.
The CS8952 100BASE-FX interface IO pins
(TX_NRZ+, TX_NRZ-, RX_NRZ+, RX_NRZ-,
SIGNAL+, and SIGNAL-) may be left unconnect-
ed if a fiber interface is not used.
7.3
Internal Voltage Reference
A 4.99 k
Ω biasing resistor must be connected be-
tween the CS8952 RES pin and ground. This resis-
tor biases the internal analog circuits of the CS8952
and should be placed as close as possible to RES
pin. Connect the other end of this resistor directly
to the ground plane. Connect the adjacent CS8952
ground pins (pins 85 and 87) to the grounded end of
the resistor forming a “shield” around the RES con-
nection.
7.4
Clocking Schemes
The CS8952 may be clocked using one of three
possible schemes: using a 25 MHz crystal and the
internal oscillator, using an external oscillator sup-
+5
1 µH
Ferrite Bead
0.1 µF
0.1 µF
1µH
Ferrite Bead
0.1 µF
0.1 µF
+5
68
Ω
82
Ω
191
Ω
130
Ω
SIGNAL-
SIGNAL+
TX_NRZ-
TX_NRZ+
RX_NRZ-
RX_NRZ+
CS8952
+5
49.9
Ω
49.9
Ω
63.4
Ω
0.1 µF
+5
82
Ω
82
Ω
130
Ω
130
Ω
SD
TD-
TD+
RD-
RD+
RxV
TxV
RxV
TxV
CC
EE
CC
EE
8
9
4
5
6
7
4
5
6
7
8
3
2
1
9
HFBR-5103
FIBER TRANS.
Figure 7. Recommended Connection of Fiber Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com