Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 24Page - Cirrus Logic CS8952 Datasheet HTML 25Page - Cirrus Logic CS8952 Datasheet HTML 26Page - Cirrus Logic CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
CS8952
28
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
onto RXD[3:0] synchronously with respect to
RX_CLK.
Receive errors are indicated during frame reception
by the assertion of RX_ER. It indicates that an error
was detected somewhere in the frame currently be-
ing transferred across the MII. RX_ER will transi-
tion synchronously with respect to the RX_CLK,
and will be held high for one cycle for each error re-
ceived. It is up to the MAC to ensure that a CRC er-
ror is detected in that frame by the Logical Link
Control. Figure 2 illustrates reception without er-
rors, and Figure 3 illustrates reception with errors.
4.3
MII Transmit Data
TX_EN is used by the MAC to signal to the
CS8952 that valid nibbles of data are being present-
ed across the MII via TXD[3:0]. TX_EN must be
asserted synchronously with the first nibble of pre-
amble, and must remain asserted as long as valid
data is being presented to the MII.
TX_EN must be de-asserted within one TX_CLK
cycle after the last nibble of data (CRC) has been
presented to the CS8952. When TX_EN is not as-
serted, data on TXD[3:0] is ignored.
Transmit errors should be signaled by the MAC by
asserting TX_ER for one or more TX_CLK cycles.
TX_ER must be synchronous with TX_CLK. This
will cause the CS8952 to replace the nibble with a
HALT symbol in the frame being transmitted. This
invalid data will be detected by the receiving PHY
and flagged as a bad frame. Figure 4 illustrates
transmission without errors, and Figure 5 illustrates
transmission with errors.
4.4
MII Management Interface
The CS8952 provides an enhanced IEEE 802.3 MII
Management Interface. The interface consists of
three signals: a bi-directional serial data line
(MDIO), a data clock (MDC), and an optional in-
terrupt signal (MII_IRQ). The Management Inter-
face canbe usedtoaccessstatusand control
registers internal to the CS8952. The CS8952 im-
plements an extended set of 16-bit MII registers.
Eight of the registers are defined by the IEEE 802.3
RX_CLK
RX_DV
RXD[3:0]
RX_ER
Preamble/SFD
DATA
Figure 2. Reception without errors
RX_CLK
RX_DV
RXD[3:0]
RX_ER
Preamble/SFD
DATA
XX
DATA
Figure 3. Reception with errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com