Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic CS8952 Datasheet HTML 33Page - Cirrus Logic CS8952 Datasheet HTML 34Page - Cirrus Logic CS8952 Datasheet HTML 35Page - Cirrus Logic CS8952 Datasheet HTML 36Page - Cirrus Logic CS8952 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
33
9
Restart Auto-Neg
Read/Set
0
Setting this bit causes auto-negotiation to be
restarted. It is an Act-Once bit which is cleared once
auto-negotiation has begun. Clearing this bit has no
effect on the auto-negotiation process.
8
Duplex Mode
R/W
If auto-negotiation
is enabled via the
AN[1:0] pins, reset
to 0; otherwise,
reset to 1
When bit 12 is clear, this bit controls the Full-
Duplex/Half-Duplex operation of the part. When set,
the part is configured for Full-Duplex operation, and
when clear the part is configured for Half Duplex
operation. The setting of this bit is superseded by
auto-negotiation, and thus has no effect if bit 12 is
set.
7
Collision Test
R/W
0
When set, the COL pin will be asserted within 10 bit
times in response to the assertion of TX_EN. Upon
the deassertion of TX_EN, COL will be deasserted
within 4 bit times. When Collision Test is clear, COL
functions normally.
6:0
Reserved
Read Only
000 0000
BIT
NAME
TYPE
RESET
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com