Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 16Page - Cirrus Logic CS8952 Datasheet HTML 17Page - Cirrus Logic CS8952 Datasheet HTML 18Page - Cirrus Logic CS8952 Datasheet HTML 19Page - Cirrus Logic CS8952 Datasheet HTML 20Page - Cirrus Logic CS8952 Datasheet HTML 21Page - Cirrus Logic CS8952 Datasheet HTML 22Page - Cirrus Logic CS8952 Datasheet HTML 23Page - Cirrus Logic CS8952 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
CS8952
20
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
VSS18
RES
VSS17
4.99 k
Ω
25 MHz
XTAL_I XTAL_O
33
Ω
MDIO
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
33
Ω
MDC
TXD
TX_ER/TXD[4]
TX_EN
TX_CLK
RX_CLK
RXD[3]/PHYAD[3]
RX_ER/RXD[4]/PHYAD[4]
RX_DV/MII_DRV
COL/PHYAD0
CRS/PHYAD[2]
4
MII
I/F
SPEED10
SPEED100
680
Ω
680
Ω
680
Ω
680
Ω
680
Ω
680
Ω
680
Ω
LED1
LED2
LED3
LED4
LED5
VDD
VDD_MII
VDD_MII
+5 V
10 µF
0.1 µF
10 µF
0.1 µF
11
RSVD
VSS
TEST0 TEST1
7
21
0.1 µF
0.1 µF
51
Ω
51
Ω
8
7
51
Ω
6
5
51
Ω
4
3
2
1
51
Ω
51
Ω
75
Ω
75
Ω
0.01 µF
2KV
SHLD
SHLD
RJ45
RX+
RX-
TX+
TX-
130
Ω
191
Ω
82
Ω
68
Ω
0.1 µF
63.4
Ω
82
Ω
82
Ω
+5 V
+5 V
0.1 µF
0.1 µF
49.9
Ω
49.9
Ω
130
Ω
130
Ω
SD+
TD-
TD+
VCC
VCC
RD-
RD+
VEE
VEE
FIBER
TRANSCEIVER
SIGNAL+
SIGNAL-
TX_NRZ-
TX_NRZ+
RX_NRZ-
RX_NRZ+
AN0
AN1
NC
NC
CS8952
RX_EN
PWRDN
REPEATER
BPSCR
BP4B5B
BPALIGN
LPBK
ISODEF
10BT_SER
RESET
MII_IRQ
CONTROL
I/F
LPSTRT
TCM
TXSLEW0
TXSLEW1
NC
NC
1.5 k
Ω
VDD_MII
0.1 µF
49.9
Ω
49.9
Ω
+5 V
0.1 µF
0.1 µF
33
Ω
RXD[2]
33
Ω
RXD[1]/PHYAD[1]
33
Ω
RXD[0]
VDD_MII
4.7 k
3
4.7 k
Ω
4.7 k
Ω
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com