Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic CS8952 Datasheet HTML 33Page - Cirrus Logic CS8952 Datasheet HTML 34Page - Cirrus Logic CS8952 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
31
2h
PHY Identifier #1
Read-Only
3h
PHY Identifier #2
Read-Only
4h
Auto-Negotiation Advertisement Register
Read/Write
5h
Auto-Negotiation Link Partner Ability Register
Read-Only
6h
Auto-Negotiation Expansion Register
Read-Only
7h
Auto-Negotiation Next Page Transmit Register
Read/Write
8h through Fh
Reserved by IEEE 802.3 Working Group
-
10h
Interrupt Mask Register
Read/Write
11h
Interrupt Status Register
Read-Only
12h
Disconnect Count Register
Read-Only
13h
False Carrier Count Register
Read-Only
14h
Scrambler Key Initialization Register
Read/Write
15h
Receive Error Count Register
Read-Only
16h
Descrambler Key Initialization Register
Read/Write
17h
PCS Sub-Layer Configuration Register
Read/Write
18h
Loopback, Bypass and Receiver Error Mask Register
Read/Write
19h
Self-Status Register
Read/Write
1Ah
Reserved
-
1Bh
10BASE-T Status Register
Read-Only
1Ch
10BASE-T Configuration Register
Read/Write
1Dh through 1Fh
Reserved
-
Register Address
Description
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com