Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic CS8952 Datasheet HTML 74Page - Cirrus Logic CS8952 Datasheet HTML 75Page - Cirrus Logic CS8952 Datasheet HTML 76Page - Cirrus Logic CS8952 Datasheet HTML 77Page - Cirrus Logic CS8952 Datasheet HTML 78Page - Cirrus Logic CS8952 Datasheet HTML 79Page - Cirrus Logic CS8952 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
CS8952
76
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
LPSTRT - Low Power Start. Input, Pin 50.
When this active-low input is asserted during power-up or reset, the CS8952 will exit reset in a low
power configuration, where the only circuitry enabled is that necessary to maintain the media
impedance. The CS8952 will remain in a low power state until RESET pin is asserted or the MDC pin
toggles.
This pin includes a weak internal pull-down (> 20 K
Ω), or the value may be set by an external 4.7 KΩ
pull-up or pull-down resistor.
PWRDN - Power Down. Input, Pin 64.
When this pin is asserted high, the CS8952 powers down all circuitry except that circuitry needed to
maintain the network line impedance. This is the lowest power mode possible. The CS8952 will remain
in low power mode until the PWRDN pin is deasserted.
A slightly higher power power-down mode may also be entered under software control through bit 11 of
the Basic Mode Control Register (address 00h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com