Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 6Page - Cirrus Logic CS8952 Datasheet HTML 7Page - Cirrus Logic CS8952 Datasheet HTML 8Page - Cirrus Logic CS8952 Datasheet HTML 9Page - Cirrus Logic CS8952 Datasheet HTML 10Page - Cirrus Logic CS8952 Datasheet HTML 11Page - Cirrus Logic CS8952 Datasheet HTML 12Page - Cirrus Logic CS8952 Datasheet HTML 13Page - Cirrus Logic CS8952 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
CS8952
10
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
100BASE-TX MII RECEIVE TIMING - 5B BYPASS ALIGN MODE
Parameter
Symbol
Min
Typ
Max
Unit
RX_CLK Period
tP
-40
-
ns
RX_CLK Pulse Width
tWL, tWH
-20
-
ns
RXD[4:0] setuptorisingedge ofRX_CLK
tSU
10
-
-
ns
RXD[4:0] hold after rising edge of RX_CLK
tHD
10
-
-
ns
Start of 5B symbol to symbol output on RX[4:0]
5B Mode
tRLAT
5-
9
BT
RX_CLK
RXD[4:0],
tRLAT
RX Symbol
0
RX Symbol
N
RX+/-
IN
OUT
OUT
tHD
tWL tWH
tP
tSU
RX Symbol
N-1
RX Data
0
RX Data
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com