Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 4Page - Cirrus Logic CS8952 Datasheet HTML 5Page - Cirrus Logic CS8952 Datasheet HTML 6Page - Cirrus Logic CS8952 Datasheet HTML 7Page - Cirrus Logic CS8952 Datasheet HTML 8Page - Cirrus Logic CS8952 Datasheet HTML 9Page - Cirrus Logic CS8952 Datasheet HTML 10Page - Cirrus Logic CS8952 Datasheet HTML 11Page - Cirrus Logic CS8952 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
CS8952
8
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
100BASE-X CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
100BASE-TX Transmitter
TX Differential Output Voltage (Peak)
VOP
0.95
-
1.05
V
Signal Amplitude Symmetry
VSYM
98
-
102
%
Signal Rise/Fall Time
tRF
3.0
-
5.0
ns
Rise/Fall Symmetry
tRFS
--
0.5
ns
Duty Cycle Distortion
tDCD
--
+/-0.5
ns
Overshoot/Undershoot
tOS
--
5
%
Transmit Jitter
tJT
-
400
1400
ps
TX Differential Output Impedance
ZOUT
-100
-
ohms
100BASE-TX Receiver
Receive Signal Detect Assert Threshold
-
-
1.0
Vp-p
Receive Signal Detect De-assert Threshold
0.2
-
-
Vp-p
Receive Signal Detect Assert Time
-
-
1000
µs
Receive Signal Detect De-assert Time
-
-
350
µs
100BASE-FX Transmitter
TX_NRZ+/- Output Voltage - Low
V1
-1.830
-
-1.605
V
TX_NRZ+/- Output Voltage - High
V2
-1.035
-
-0.880
V
Signal Rise/Fall Time
TRF
--
1.6
ns
100Base-FX Receiver
RX_NRZ+/- Input Voltage - Low
V3
-1.830
-
-1.605
V
RX_NRZ+/- Input Voltage - High
V4
-1.035
-
-0.880
V
Common Mode Input Range
VCMIP
-3.56
-
V
V1
V2
VDD
0
TX_NRZ+/-
V3
V4
RX_NRZ+/-
RX/TX Signaling for 100Base-FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com