Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
69
MII Interface Pins
COL/PHYAD0 - Collision Detect/PHY Address 0. Input/Tri-State Output, Pin 48.
Asserted active-high to indicate a collision on the medium during half-duplex operation. In full-duplex
operation, COL is undefined and should be ignored. When configured for 10 Mb/s operation, COL is
also used to indicate a Signal Quality Error (SQE) condition.
At power-up or at reset, the logic value on this pin is latched into bit 0 of the PHY Address field of the
Self Status Register (address 19h). This pin includes a weak internal pull-up (> 150 K
Ω), or the value
may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
CRS/PHYAD2 - Carrier Sense/PHY Address 2. Input/Tri-State Output, Pin 49.
The operation of CRS is controlled by the REPEATER pin as follows:
At power-up or at reset, the logic value of this pin is latched into bit 2 of the PHY Address Field of the
Self Status Register (address 19h). This pin includes a weak internal pull-down (> 20 K
Ω), or the value
may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
MDC - Management Data Clock. Input, Pin 28.
Input clock used to transfer serial data on MDIO. The maximum clock rate is 16.67 MHz. This clock may
be asynchronous to RX_CLK and TX_CLK.
MDIO - Management Data Input/Output. Bi-Directional, Pin 27.
Bi-directional signal used to transfer management data between the CS8952 and the Ethernet controller.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin should be pulled
high during power-up or reset, and the MDIO pin should have an external 1.5 K
Ω pull-up resistor. For
systems not required to drive external connectors and cables as described in the IEEE802.3u
specification, the external pull-up resistor may not be necessary.
MII_IRQ - MII Interrupt. Open Drain Output, Pin 26.
Asserted low to indicate the status corresponding to one of the unmasked interrupt status bits in the
Interrupt Status Register (address 11h) has changed. It will remain low until the ISR is read, clearing all
status bits.
This open drain pin requires a 4.7 k
Ω pull-up resistor.
RX_CLK - Receive Clock. Tri-State Output, Pin 36
Continuous clock output used as a reference clock for sampling RXD[3:0], RX_ER, and RX_DV.
RX_CLK will have the following nominal frequency:
REPEATER pin
DUPLEX mode
CRS Indicates
high
don’t care
receive activity only
low
full duplex
receive activity only
low
half duplex
receive or transmit activity
Speed
10BT_SER pin
Nominal frequency
100 Mb/s
n/a
25 MHz
10 Mb/s
low (parallel)
2.5 MHz
10 Mb/s
high (serial)
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com