Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic CS8952 Datasheet HTML 74Page - Cirrus Logic CS8952 Datasheet HTML 75Page - Cirrus Logic CS8952 Datasheet HTML 76Page - Cirrus Logic CS8952 Datasheet HTML 77Page - Cirrus Logic CS8952 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 82 page
background image
CS8952
74
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
BP4B5B - Bypass 4B5B Coders. Input, Pin 56.
When driven high during power-up or reset, the transmit 4B5B encoder and receiver 5B4B decoder are
bypassed. Five-bit code groups are output and input on pins RXD[4:0] and TXD[4:0].
The 4B5B Coders may also be bypassed under software control through bit 14 of the Loopback,
Bypass, and Receiver Error Mask Register (address 18h).
At power-up or at reset, the value on this pin is latched into bit 14 of the Loopback, Bypass and
Receiver Error Mask Register (address 18h). This pin includes a weak internal pull-down (> 20 K
Ω), or
the value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
BPALIGN - Bypass Symbol Alignment. Input, Pin 52.
When driven high during power-up or reset, the following blocks are bypassed: 4B5B encoder, 5B4B
decoder, scrambler, descrambler, NRZI encoder, and NRZI decoder. Five-bit code groups are output and
input on pins RXD[4:0] and TXD[4:0]. The receiver will output five-bit data with no attempt to identify
code-group boundaries; therefore, the data in one RXD[4:0] word may contain data from two code
groups.
Symbol alignment may also be bypassed under software control through bit 12 of the Loopback,
Bypass, and Receiver Error Mask Register (address 18h).
At power-up or at reset, the value on this pin is latched into bit 12 of the Loopback, Bypass and
Receiver Error Mask Register (address 18h). This pin includes a weak internal pull-down (> 20 K
Ω), or
the value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
BPSCR - Bypass Scrambler. Input, Pin 62.
When driven high during power-up or reset, the scrambler and descrambler is bypassed and NRZI FX
mode is selected.
The 100BASE-FX mode may also be entered under software control through bit 13 of the Loopback,
Bypass, and Receiver Error Mask Register (address 18h).
At power-up or at reset, the value on this pin is latched into bit 13 of the Loopback, Bypass and
Receiver Error Mask Register (address 18h). This pin includes a weak internal pull-down (> 20 K
Ω), or
the value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com