Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 23Page - Cirrus Logic CS8952 Datasheet HTML 24Page - Cirrus Logic CS8952 Datasheet HTML 25Page - Cirrus Logic CS8952 Datasheet HTML 26Page - Cirrus Logic CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
27
STATUS Pins
-
COL - Collision indication, valid only for
half duplex modes.
-
CRS - Carrier Sense indication
SERIAL MANAGEMENT Pins
-
MDIO - a bi-directional serial data path
-
MDC - clock for MDIO (16.7 MHz max)
-
MII_IRQ - Interrupt indicating change in
the Interrupt Status Register (address 11h)
RECEIVE DATA Pins
-
RXD[3:0] - Parallel data output path
-
RX_CLK - Recovered clock output
-
RX_DV - Indicates when receive data is
present and valid
-
RX_ER - Indicates presence of error in re-
ceived data
-
RX_EN - Can be used to tri-state receiver
output pins
TRANSMIT DATA Pins
-
TXD[3:0] - Parallel data input path
-
TX_CLK - Transmit clock
-
TX_EN - Indicates when transmit data is
present and valid
-
TX_ER - Request to transmit a 100BASE-
T HALT symbol, ignored for 10BASE-T
operation.
The interface uses TTL signal levels, which are
compatible with devices operating at a nominal
supply voltage of either 5.0 or 3.3 volts. It is capa-
ble of supporting either 10 Mb/s or 100 Mb/s data
rates transparently. That is, all signaling remains
identical at either data rate; only the nominal clock
frequency is changed.
4.1
MII Frame Structure
Data frames transmitted through the MII have the
following format:
Each frame is preceded by an inter-frame gap. The
inter-frame gap is an unspecified time during
which no data activity occurs on the media as indi-
cated by the de-assertion of CRS for the receive
path and TX_EN for the transmit path.
The Preamble consists of seven bytes of 10101010.
The Start of Frame Delimiter consists of a single
byte of 10101011.
Data may be any number of bytes.
The End of Frame Delimiter is conveyed by the de-
assertion of RX_DV and TX_EN for receive and
transmit paths, respectively.
Transmission and/or reception of each byte of data
is done one nibble at a time in the following order:
4.2
MII Receive Data
The presence of recovered data on the RXD[3:0]
bus is indicated by the assertion of RX_DV.
RX_DV will remain asserted from the beginning of
the preamble (or Start of Frame Delimiter if pream-
ble is not used) to the End of Frame Delimiter.
Once RX_DV is asserted, valid data will be driven
Preamble
(7 Bytes)
Start of
Frame
Delimiter
(1 Byte)
Data
End of
Frame
Delimiter
MII
LSB
MSB
D0
D1
D2
D3
Nibble
Stream
D0
MAC’s Serial Bit Stream
First Bit
First
Second
Nibble
Nibble
D1 D2 D3 D4 D5 D6 D7
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com