Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 59Page - Cirrus Logic CS8952 Datasheet HTML 60Page - Cirrus Logic CS8952 Datasheet HTML 61Page - Cirrus Logic CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic CS8952 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
63
7. DESIGN CONSIDERATIONS
The CS8952 is a mixed-signal device containing
the high-speed digital and analog circuits required
to implement Fast Ethernet communication. It is
important the designer adhere to the following
guidelines and recommendations for proper and re-
liable operation of the CS8952. These guidelines
will also benefit the design with good EMC perfor-
mance.
7.1
Twisted Pair Interface
The recommended connection of the twisted-pair
interface is shown if Figure 6. The unused cable
pairs are terminated to increase the common-mode
performance. Common-mode performance is also
improved by connecting the center taps of the RX
and TX input circuits to the DC-isolated ground
plane. The 0.01 µF capacitor C1 must provide 2KV
(1,500 Vrms for 60 seconds) of isolation to meet
802.3 requirements. If a shielded RJ45 connector is
used (recommended), the shield should be connect-
ed to chassis ground.
7.2
100BASE-FX Interface
Figure 7 shows the recommended connection for a
100BASE-FX interface to a Hewlett-Packard
HFBR-5103 fiber transceiver. Termination circuit-
ry may need to be revised for other fiber transceiv-
ers. The FX Drive bit in the Loopback, Bypass, and
Receiver Error Mask Register (address 18h) may
be used to tailor the PECL interface for 50
Ω or
150
Ωloads.
0
Jabber Enable
Read/Write 1
When set, the jabber function is enabled. When
clear, and if the CS8952 is in 10BASE-T full-duplex
or 10BASE-T ENDEC loopback mode, the jabber
function is disabled.
Note: When the National Compatibility Mode bit (bit
7) is set, the Jabber function may also be disabled
for 10BASE-T half-duplex, although this is not rec-
ommended.
BIT
NAME
TYPE
RESET
DESCRIPTION
49.9
Ω
49.9
Ω
0.1 µF
0.1 µF
CS8952
TX+
TX-
RX+
RX-
80
81
91
92
NC
16
15
2
1
14
3
10
11
6
7
12
T1
TG22-3506
5
51
Ω
75
Ω
0.01 µF
75
Ω
51
Ω
51
Ω
51
Ω
51
Ω
1
2
3
4
5
6
7
8
RJ-45
SHLD
SHLD
2KV
51
Ω
Figure 6. Recommended Connection of Twisted-Pair Ports (Network Interface Card)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com