Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 2Page - Cirrus Logic CS8952 Datasheet HTML 3Page - Cirrus Logic CS8952 Datasheet HTML 4Page - Cirrus Logic CS8952 Datasheet HTML 5Page - Cirrus Logic CS8952 Datasheet HTML 6Page - Cirrus Logic CS8952 Datasheet HTML 7Page - Cirrus Logic CS8952 Datasheet HTML 8Page - Cirrus Logic CS8952 Datasheet HTML 9Page - Cirrus Logic CS8952 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
CS8952
6
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
Notes: 1. With digital outputs connected to CMOS loads.
Output High Voltage (MII_DRV = 0)
COL, CRS, MDIO, RXD[3:0],
RX_CLK, RX_DV, RX_ER,
TX_CLK
IOH =-4.0mA
VOH
2.4
-
-
V
Input Low Voltage
All Inputs Except AN[1:0], TCM, TXSLEW[1:0]
VIL
--
0.8
V
Input High Voltage
All Inputs Except AN[1:0], TCM, TXSLEW[1:0]
VIH
2.0
-
-
V
Tri-Level Input Voltages
AN[1:0], TCM, TXSLEW[1:0]
VIL
VIM
VIH
-
1/3 VDD_MII
+20%
2/3 VDD_MII
+20%
-
-
-
1/3 VDD_MII
-20%
2/3 VDD_MII
-20%
-
V
Input Low Current
MDC, TXD[3:0], TX_CLK, TX_EN,
TX_ER
VI =0.0V
MDIO
VI =0.0V
IIL
-20
-3800
-
-
-
-
µA
Input High Current
MDC, TXD[3:0], TX_CLK, TX_EN,
TX_ER
VI =5.0V
MDIO
VI =5.0V
IIH
-
-
-
-
200
20
µA
Input Leakage Current
All Other Inputs
0<=V<=VDD
ILEAK
-10
-
+10
µA
DC CHARACTERISTICS (CONTINUED) (Over recommended operating conditions)
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com