Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 35Page - Cirrus Logic CS8952 Datasheet HTML 36Page - Cirrus Logic CS8952 Datasheet HTML 37Page - Cirrus Logic CS8952 Datasheet HTML 38Page - Cirrus Logic CS8952 Datasheet HTML 39Page - Cirrus Logic CS8952 Datasheet HTML 40Page - Cirrus Logic CS8952 Datasheet HTML 41Page - Cirrus Logic CS8952 Datasheet HTML 42Page - Cirrus Logic CS8952 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
39
6.6
Auto-Negotiation Link Partner Ability Register - Address 05h
15
14
13
12
11
10
9
8
Next Page
Acknowledge
Remote Fault
Technology Ability Field
765
4321
0
Technology Ability Field
Protocol Selector Field
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Next Page
Read Only
0
When set, this bit indicates that the link partner is
capable of participating in the Next Page exchange.
14
Acknowledge
Read Only
0
When set, this bit indicates that the link partner has
received consistent data from the CS8952.
13
Remote Fault
Read Only
0
This bit indicates that a fault condition occurred on
the far end. When this bit is set and auto-negotiation
is enabled, the Remote Fault bit in the Basic Mode
Status Register (address 01h) will also be set.
12:5
Technology Ability
Field
Read Only
0000 0000
This field indicates the advertised capabilities of the
link partner as shown below. When the bit is set, the
corresponding technology has been advertised dur-
ing auto-negotiation.
BIT Capability
12
Reserved
11
Reserved
10
PAUSE operation for full duplex links.
9
100BASE-T4 (Note: this technology is not
8
100BASE-TX Full Duplex
7
100Base-TX Half Duplex
6
10BASE-T Full Duplex
5
10BASE-T Half Duplex
4:0
Protocol Selector
Field
Read Only
0 0000
This field is used to identify the type of message
being received during auto-negotiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com