Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 21Page - Cirrus Logic CS8952 Datasheet HTML 22Page - Cirrus Logic CS8952 Datasheet HTML 23Page - Cirrus Logic CS8952 Datasheet HTML 24Page - Cirrus Logic CS8952 Datasheet HTML 25Page - Cirrus Logic CS8952 Datasheet HTML 26Page - Cirrus Logic CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
25
Manchester Encoder and Decoder. Selection is
made via:
-
setting bit 14 in the Basic Mode Control
Register (address 00h) or
-
setting bits 8 and 11 in the Loopback, By-
pass, and Receiver Error Mask Register
(address 18h) or
-
asserting the LPBK pin.
3.1.3.7
Carrier Detection
The carrier detect circuit informs the MAC that val-
id receive data is present by asserting the Carrier
Sense signal (CRS) as soon it detects a valid bit pat-
tern (1010b or 0101b for 10BASE-T). During nor-
mal packet reception, CRS remains asserted while
the frame is being received, and is de-asserted
within 2.3 bit times after the last low-to-high tran-
sition of the End-of-Frame (EOF) sequence. When-
ever the receiver is idle (no receive activity), CRS
is de-asserted.
3.1.4
10BASE-T Serial Application
This mode is selected when pin 10BT_SERis as-
serted during power-up or reset, and operates simi-
lar to the 10BASE_T MII mode except that data is
transferred serially on pins RXD0 and TXD0 using
a10 MHz RX_CLK and TX_CLK. Receivedatais
framed by CRS rather than RX_DV.
3.2
Auto-Negotiation
The CS8952 supports auto-negotiation, which is
the mechanism that allows the two devices on ei-
ther end of an Ethernet link segment to share infor-
mation and automatically configure both devices
for maximum performance. When configured for
auto-negotiation, the CS8952 will detect and auto-
matically operate full-duplex at 100 Mb/s if the de-
vice on the other end of the link segment also
supports full-duplex, 100 Mb/s operation, and
auto-negotiation. The CS8952 auto-negotiation ca-
pability is fully compliant with the relevant por-
tions of section 28 of the IEEE 802.3u standard.
The CS8952 can auto-negotiate both operating
speed (10 versus 100 Mb/s), duplex mode (half du-
plex versus full duplex), and flow control (pause
frames), or alternatively can be set not to negotiate.
At power-up and reset times, the auto-negotiation
mode is selected via the auto-negotiation input pins
(AN[1:0]). This selection can later be changed us-
ing the Auto-Negotiation Advertisement Register
(address 04h).
Pins AN[1:0] are three level inputs, and have the
function shown in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com