Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 58Page - Cirrus Logic CS8952 Datasheet HTML 59Page - Cirrus Logic CS8952 Datasheet HTML 60Page - Cirrus Logic CS8952 Datasheet HTML 61Page - Cirrus Logic CS8952 Datasheet HTML 62Page - Cirrus Logic CS8952 Datasheet HTML 63Page - Cirrus Logic CS8952 Datasheet HTML 64Page - Cirrus Logic CS8952 Datasheet HTML 65Page - Cirrus Logic CS8952 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
CS8952
62
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
6.20
10BASE-T Configuration Register - Address 1Ch
15
14
13
12
11
10
9
8
Reserved
765
4321
0
National
Compatibility
Mode
LED3 Blink
Enable
Enable LT/10
SQE Enable
Reserved
Low Rx
Squelch
Polarity
Disable
Jabber Enable
BIT
NAME
TYPE
RESET
DESCRIPTION
15:8
Reserved
Read Only
0000 0000
7
National Compati-
bility Mode
Read/Write 1
When set, registers and bits that are not compatible
with the National DP83840 are disabled and writes to
these registers are ignored.
6
LED3 Blink Enable
Read/Write 0
When set, LED3 will blink during auto-negotiation
and will indicate Link Good status upon completion of
auto-negotiation. When clear, LED3 indicates Link
Good status only.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit (bit
7) is set.
5
Enable LT/10
Read/Write 1
When set, this bit enables the transmission of link
pulses.
When clear, link pulses are disabled and a good link
condition is forced. If link pulses are disabled during
100 Mb/s operation with auto-negotiation enabled,
the CS8952 will go into 10 Mb/s mode. If operating in
100 Mb/s mode with no auto-negotiation, then clear-
ingthisbit hasnoeffect.
4
SQE Enable
Read/Write Reset to the logic
inverse of the
valueonthe
REPEATER pin.
When set, and if the CS8952 is in half-duplex mode,
this bit enables the 10BASE-T SQE function. When
the part is in repeater mode, this bit is cleared and
may not be set.
3
Reserved
Read Only
1
This bit should be read as a don’t care and, when
written, should be written to 1.
2
Low Rx Squelch
Read/Write 0
When clear, the 10BASE-T receiver squelch thresh-
olds are set to levels defined by the ISO/IEC 8802-3
specification. When set, the thresholds are reduced
by approximately 6 dB. This is useful for operating
with “quiet” cables that are longer than 100 meters.
1
Polarity Disable
Read/Write 0
The 10BASE-T receiver automatically determines
the polarity of the received signal at the RXD+/RXD-
input. When this bit is clear, the polarity is corrected,
if necessary. When set, no effort is made to correct
the polarity. Polarity correction will only be performed
during 10BASE-T packet reception.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit (bit
7) is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com