Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 67Page - Cirrus Logic CS8952 Datasheet HTML 68Page - Cirrus Logic CS8952 Datasheet HTML 69Page - Cirrus Logic CS8952 Datasheet HTML 70Page - Cirrus Logic CS8952 Datasheet HTML 71Page - Cirrus Logic CS8952 Datasheet HTML 72Page - Cirrus Logic CS8952 Datasheet HTML 73Page - Cirrus Logic CS8952 Datasheet HTML 74Page - Cirrus Logic CS8952 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
71
RX_ER/PHYAD4/RXD4 - Receive Error/PHY Address 4/Receive Data 4. Input/Tri-State Output,
Pin 37.
During normal MII operation, this pin is defined as RX_ER (Receive Error). When RX_DV is high,
RX_ER asserted high indicates that an error has been detected in the current receive frame. When
RX_DV is low and RXD[3:0] = “1110”, RX_ER high indicates a False Carrier condition.
If either BPALIGN or BP4B5B is asserted, then this pin is re-defined as RXD4 (Receive Data 4), the
most-significant bit of the received five-bit code-group. If the 4B5B encoder is being bypassed, receive
data is present when RX_DV is asserted. If alignment is being bypassed, data reception is continuous.
At power-up or at reset, the logic value on this pin is latched into bit 4 of the PHY Address field of the
Self Status Register (address 19h). This pin includes a weak internal pull-down (> 20 K
Ω), or the value
may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin should be pulled
high during power-up or reset, and the RX_ER pin should have an external 33
Ω series resistor. For
systems not required to drive external connectors and cables as described in the IEEE802.3u
specification, the external series resistor may not be necessary.
RXD3/PHYAD3 - Receive Data 3/PHY Address 3. Tri-State Output, Pin 29.
RXD2 - Receive Data 2. Tri-State Output, Pin 30.
RXD1/PHYAD1 - Receive Data 1/PHY Address 1. Tri-State Output, Pin 31.
RXD0 - Receive Data 0. Tri-State Output, Pin 32.
Receive data output. Receive data is present when RX_DV is asserted. RXD0 is the least-significant bit.
For MII modes, nibble-wide data (synchronous to RX_CLK) is transferred on pins RXD[3:0]. In 10 Mb/s
serial mode, pin RXD0 is used as the serial output pin, and RXD[3:1] are ignored. When either BP4B5B
or BPALIGN is selected, pin RXD4 contains the most-significant bit of the five-bit code-group.
At power-up or at reset, the value on RXD1/PHYAD1 is latched into bit 1 of the PHY Address field of
the Self Status Register (address 19h). This pin includes a weak internal pull-down (> 20 K
Ω), or the
value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
At power-up or at reset, the logic value on RXD3/PHYAD3 is latched into bit 3 of the PHY Address field
of the Self Status Register (address 19h). This pin includes a weak internal pull-down (> 20 K
Ω), or the
value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
In order to conform with Annex 22B of the IEEE 802.3u specification, the MII_DRV pin should be pulled
high during power-up or reset, and the RXD[3:0] pins should have external 33
Ω series resistors. For
systems not required to drive external connectors and cables as described in the IEEE802.3u
specification, the external series resistors may not be necessary.
TX_CLK - Transmit Clock. Input/Tri-State Output, Pin 42.
Continuous clock signal used by the CS8952 as a reference clock to sample TXD[3:0], TX_ER, and
TX_EN. TX_CLK can be referenced either internally (Output Mode) or externally (Input Mode) based
upon the value of the TCM pin at power-up or at reset.
TCM pin
TX_CLK mode
CLK25 status
high
TX_CLK is input
CLK25 pin is an output
floating
TX_CLK is input
CLK25 is disabled
low
TX_CLK is output
CLK25 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com