Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic CS8952 Datasheet HTML 33Page - Cirrus Logic CS8952 Datasheet HTML 34Page - Cirrus Logic CS8952 Datasheet HTML 35Page - Cirrus Logic CS8952 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
CS8952
32
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
6.1
Basic Mode Control Register - Address 00h
15
14
13
12
11
10
9
8
Software
Reset
Loopback
Speed
Selection
Auto-Neg
Enable
Power Down
Isolate
Restart
Auto-Neg
Duplex Mode
76543210
Collision Test
Reserved
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Software Reset
Read/Set
0
Setting this bit performs a chip-wide reset. All status
and control registers are set to their default states,
and the analog circuitry is re-calibrated. This bit is an
Act-Once bit which is cleared once the reset and re-
calibration have completed.
This bit will also be set automatically while the analog
circuitry is reset and re-calibrated during mode
changes.
14
Loopback
Read/Write 0
When set, the CS8952 is placed in a loop back
mode. Any data sent on the transmit data path is
returned on the receive data path. Loopback mode is
entered regardless of whether 10 Mb/s or 100 Mb/s
operation has been configured.
This bit will be set upon the assertion of the LPBK
pin, and will be automatically cleared upon its deas-
sertion.
13
Speed Selection
Read/Write If auto-negotiation
is enabled via the
AN[1:0] pins, reset
to 1; otherwise,
reset to 0
When bit 12 is clear, setting this bit configures the
CS8952 for 100 Mb/s operation. Clearing this bit sets
the configuration at 10 Mb/s. When bit 12 is set, this
bit is ignored.
12
Auto-Neg Enable
Read/Write If auto-negotiation
is enabled via the
AN[1:0] pins, reset
to 1; otherwise,
reset to 0
Setting this bit enables the auto-negotiation process.
When this bit is set, bits 13 and 8 have no affect on
the link configuration. The link configuration is deter-
mined by the auto-negotiation process. Clearing this
bit disables auto-negotiation.
11
Power Down
Read/Write 0
When this bit is set, the CS8952 enters a low power
consumption state. Clearing this bit allows normal
operation.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
10
Isolate
Read/Write If PHYAD =
00000, reset to 1;
otherwise reset to
the value on the
ISODEF pin
Setting this bit causes the MII data path to be electri-
cally isolated by tri-stating all data outputs (i.e.
TX_CLK, RX_CLK, RX_DV, RX_ER, RXD[3:0], COL,
and CRS). In addition the CS8952 will not respond to
the TXD[3:0], TX_EN, and TX_ER inputs. It will, how-
ever, respond to MDIO and MDC. Clearing this bit
allows normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com