Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8952 Datasheet HTML 26Page - Cirrus Logic CS8952 Datasheet HTML 27Page - Cirrus Logic CS8952 Datasheet HTML 28Page - Cirrus Logic CS8952 Datasheet HTML 29Page - Cirrus Logic CS8952 Datasheet HTML 30Page - Cirrus Logic CS8952 Datasheet HTML 31Page - Cirrus Logic CS8952 Datasheet HTML 32Page - Cirrus Logic CS8952 Datasheet HTML 33Page - Cirrus Logic CS8952 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
CS8952
30
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
A read transaction is indicated by an Opcode of 10
andawrite by01.
The PHY Address is five bits, with the most signif-
icant bit sent first. If the PHY address included in
the frame is not 00000 or does not match the PHY-
AD field of the Self Status Register (address 19h),
the rest of the frame is ignored.
The register address is five bits, with the most sig-
nificant bit sent first, and indicates the CS8952 reg-
ister to be written to/read from.
The Turnaround time is a two bit time spacing be-
tween when the MAC drives the last register ad-
dress bit onto MDIO and the data field of a
management frame in order to avoid contention
during a read transaction. For a read transaction,
the MAC should tri-state the MDIO pin beginning
on the first bit time, and the CS8952 will begin
driving the MDIO signal to a logic ZERO during
the second bit time. During write transactions,
since the MDIO direction does not need to be re-
versed, the MAC will drive the MDIO to a logic
ONE for the first bit time and a logic ZERO for the
second.
The data field is always 16 bits in length, with the
most significant bit sent first.
5. CONFIGURATION
The CS8952 can be configured in a variety of ways.
All control and status information can be accessed
via the MII Serial Management Interface. Addi-
tionally, many configuration options can be set at
power-up or reset times via individual control lines.
Some configuration capabilities are available at
any time via individual control lines.
5.1
Configuration At Power-up/Reset
Time
At power-up and reset time, the following pins are
5.2
Configuration Via Control Pins
The following pins are for dedicated control signals
and can be used at any time to configure the
CS8952.
5.3
Configuration via the MII
The CS8952 supports configuration by software
control through the use of 16-bit configuration and
status registers accessed via the MDIO/MDC pins
(MII Management Interface). The first seven regis-
ters are defined by the IEEE 802.3 specification.
Additional registers extend the register set to pro-
vide enhanced monitoring and control capabilities.
6. CS8952 REGISTERS
The CS8952 register set is comprised of the 16-bit
status and control registers described below. A de-
tailed description each register follows.
Pin Name
Function
10BT_SER
Select 10BASE-T serial mode
AN[1:0]
Select auto-negotiation mode
BP4B5B
Bypass 4B5B coders
BPALIGN
Bypass 4B5B coders and scramblers
BPSCR
Bypass scramblers, enter FX mode
ISODEF
Electrically isolate MII after reset
LPSTRT
Start in low power mode
PHYAD[4:0]
Set MII PHY address
REPEATER
Control definition of CRS pin, enable
carrier integrity monitor and SQE func-
tion
MII_DRV
Set MII driver strength
TCM
Set TX_CLK mode
TXSLEW[1:0] Set 100BASE-TX transmitter output
slew rate
Pin Name
Function
LPBK
Enter loopback mode
PWRDN
Enter power-down mode
RESET
Reset
Register Address
Description
Type
0h
Basic Mode Control Register
Read/Write
1h
Basic Mode Status Register
Read-Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com